Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS-2021 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # ADCS-2021
Description  CMOS Image Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADCS-2021 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  ADCS-2021 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Typical Application
Typical Electrical Specifications
Part Number
ADCS-2021 (VGA)
ADCS-1021 (CIF)
Pixel size
7.4 x 7.4
µm
7.4 x 7.4
µm
Maximum Clock Rate
25 MHz (VGA)
32 MHz (CIF)
Effective Sensor Dynamic Range
65 dB (VGA)
61 dB (CIF)
Effective Noise Floor
43 e-
43 e-
Dark Signal [1,3]
240 e-/sec (@ 22
°C)
240 e-/sec (@ 22
°C)
Saturation Voltage
1.22 V
1.22 V
Full Well Capacity
68,000 e-
68,000 e-
Conversion Gain [2]
17
µV/e-
17
µV/e-
Programmable Gain Range
1 – 40 (8 bit resolution)
1– 40 (8 bit resolution)
Fill Factor
42%
42%
Exposure Control
0.5
µsec minimum, 0.5 µsec increments
0.5
µsec minimum, 0.5 µsec increments
Supply Voltage
3.3 V, -5%/+10%
3.3 V, -5%/+10%
Absolute Max. Power Supply Voltage
3.6 V
3.6 V
Absolute Max. DC Input Voltage (any pin)
3.6 V
3.6 V
Power Consumption (typical)
150 mW operating, 150
µW standby
150 mW operating, 150
µW standby
Power Consumption (max)
200 mW operating, 3.3 mW standby
200 mW operating, 3.3 mW standby
Optical Format
1/3”
1/4”
Operating Temperature
-5
° to +65°C-5° to +65°C
Storage Temperature
-40
° to +125°C
-40
° to +125°C
Notes:
1. Specified over complete pixel area
2. Measured at unity gain
3. Excludes dark current shot noise
IMODE0
IMODE1
nTRISTATE
nIRQ
3.3V
Regulator
NC
Clock
Serial Interface
Host System
ADCS-1021
TxD/RxD
Analog
Vdd
Analog
GND
Digital
GND
Digital
Vdd
nFRAME_nSYNC
nROW
nRST_nSTBY
End of Frame
End of Row
Reset
D0
D1
D2
D3
D4
D5
D6
D7
DATA READY
D0
D1
D2
D3
D4
D5
D6
D7
DRDY
12
11
10
23, 8,
16
24, 31, 5
18
17
14
9
22, 7,
15
25, 32,
6
Star Ground
4
3
10K
Vdd
NC
NC
3.3V
Regulator
19
26
21
20
29
28
1
30
2
27
Clk
30 MHz
Clock
13
Parallel Interface



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com