Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS-2021 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # ADCS-2021
Description  CMOS Image Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADCS-2021 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  ADCS-2021 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ADCS-2021 Pin Description
Pkg Pins
Signal Name
Type
Description
11
IMODE1
Input
If = 1, Half duplex UART slave interface mode
If = 0, Synchronous serial slave interface mode
12
IMODE0
Input
Always = 0
27
CLK
Input
System Clock
13
nRST_nSTBY
Input
Active low system reset input and stand-by mode input
19, 20, 21, 28, 29, 30, 1, 2, 3, 4
Data 9, Data 8,… Data 1, Data 0
Output
Parallel digitized pixel data out
26
DRDY
Output
Data valid for parallel digitized pixel data out
18
SDATA_TxD
Input/output open drain
Serial output data
17
SCLK_RxD
Input
Transfer clock / serial data input
9
nFRAME_nSYNC
Output
Signals end of frame
14
nROW
Output
Signals end of row
10
nIRQ_nCC
Output
Programmable interrupt request
5, 31, 24
VDD
VDD
Digital power supply
6, 32, 25
GND
GND
Digital ground
16
PVDD
PVDD
Array power supply
8, 23
AVDD
AVDD
Analog power supply
7, 22, 15
AGND
AGND
Analog, array, and substrate ground
ADCS-1021 Pin Description
Pkg Pins (Location)
Signal Name
Type
Description
11
IMODE1
Input
If = 1, Half duplex UART slave interface mode
If = 0, Synchronous serial slave interface mode
12
IMODE0
Input
Always = 0
27
CLK
Input
System Clock
13
nRST_nSTBY
Input
Active low system reset input and stand-by mode input
19, 20, 21, 28, 29, 30, 1, 2
Data 7, Data 6,… Data 1, Data 0
Output
Parallel digitized pixel data out
26
DRDY
Output
Data valid for parallel digitized pixel data out
18
SDATA_TxD
Input/output open drain
Serial output data
17
SCLK_RxD
Input
Transfer clock / serial data input
9
nFRAME_nSYNC
Output
Signals end of frame
14
nROW
Output
Signals end of row
10
nIRQ_nCC
Output
Programmable interrupt request
5, 31, 24
VDD
VDD
Digital power supply
6, 32, 25
GND
GND
Digital ground
16
PVDD
PVDD
Array power supply
8, 23
AVDD
AVDD
Analog power supply
7, 22, 15
AGND
AGND
Analog, array, and substrate ground
3
nTRISTATE
Input
Disables sensor tristate mode
4
NC
NC
No connect



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com