Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS-2021 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # ADCS-2021
Description  CMOS Image Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADCS-2021 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  ADCS-2021 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADCS-2021 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ADCS Sensor Top Level Block Diagram
ADCS-2021 32 Pin Package Diagram
Clock
Timing
Controller
Analog to
Digital
Converter
Programmable
Amplifier
Programmable
Amplifier
Programmable
Amplifier
Image Array
VGA 640 x 480
CIF 352 x 288
I2C Compatible/ UART
ADCS-1021 32 Pin Package Diagram
12
11
10
9
8
7
6
5
21
22
23
24
25
26
27
28
IMODE0
IMODE1
nIRQ_nCC
nFRAME_nSYNC
AVDD1
AGND1
GND1
VDD1
DATA7
AGND2
AVDD2
VDD3
GND3
DRDY
CLK
DATA6
29
30
31
32
2
3
4
1
20
19
18
17
16
15
14
13
IMODE0
IMODE1
nIRQ_nCC
nFRAME_nSYNC
AVDD1
AGND1
GND1
VDD1
DATA5
AGND2
AVDD2
VDD3
GND3
DRDY
CLK
DATA4
12
11
10
9
8
7
6
5
21
22
23
24
25
26
27
28
29
30
31
32
2
3
4
1
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com