Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCNR200 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCNR200
Description  High-Linearity Analog Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCNR200 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCNR200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1-418
H
High-Linearity Analog
Optocouplers
Technical Data
HCNR200
HCNR201
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
3
4
1
2
V
F
–
+
I
F
I
PD1
6
5
I
PD2
8
7
NC
NC
PD2 CATHODE
PD2 ANODE
LED CATHODE
LED ANODE
PD1 CATHODE
PD1 ANODE
Features
• Low Nonlinearity: 0.01%
• K3 (IPD2/IPD1) Transfer Gain
HCNR200:
± 15%
HCNR201:
± 5%
• Low Gain Temperature
Coefficient: -65 ppm/
°C
• Wide Bandwidth – DC to
>1 MHz
• Worldwide Safety Approval
- UL 1577 Recognized
(5 kV rms/1 min Rating)
- CSA Approved
- BSI Certified
- VDE 0884 Approved
VIORM = 1414 V peak
(Option #050)
• Surface Mount Option
Available
(Option #300)
• 8-Pin DIP Package - 0.400"
Spacing
• Allows Flexible Circuit
Design
• Special Selection for
HCNR201: Tighter K1, K3
and Lower Nonlinearity
Available
Applications
• Low Cost Analog Isolation
• Telecom: Modem, PBX
• Industrial Process Control:
Transducer Isolator
Isolator for Thermocouples
4 mA to 20 mA Loop Isolation
• SMPS Feedback Loop, SMPS
Feedforward
• Monitor Motor Supply
Voltage
• Medical
Description
The HCNR200/201 high-linearity
analog optocoupler consists of a
high-performance AlGaAs LED
that illuminates two closely
matched photodiodes. The input
photodiode can be used to
monitor, and therefore stabilize,
the light output of the LED. As a
result, the nonlinearity and drift
characteristics of the LED can be
virtually eliminated. The output
photodiode produces a photocur-
rent that is linearly related to the
light output of the LED. The close
matching of the photodiodes and
advanced design of the package
ensure the high linearity and
stable gain characteristics of the
optocoupler.
The HCNR200/201 can be used to
isolate analog signals in a wide
variety of applications that
require good stability, linearity,
bandwidth and low cost. The
HCNR200/201 is very flexible
and, by appropriate design of the
application circuit, is capable of
operating in many different
modes, including: unipolar/
bipolar, ac/dc and inverting/non-
inverting. The HCNR200/201 is
an excellent solution for many
analog isolation problems.
Schematic
5965-3577E


Similar Part No. - HCNR200

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNR200 AVAGO-HCNR200 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers Allows fl exible circuit design
HCNR200 AVAGO-HCNR200 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR200 AVAGO-HCNR200 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR200 AVAGO-HCNR200 Datasheet
396Kb / 19P
High-Linearity Analog Optocouplers
HCNR200-000E AVAGO-HCNR200-000E Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
More results

Similar Description - HCNR200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR200 AVAGO-HCNR200 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers Allows fl exible circuit design
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
High-Linearity Analog Optocouplers
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
High Bandwidth, Analog/Video Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
High-Linearity Analog Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com