Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3100 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL3100
Description  Power MOSFET/IGBT Gate Drive Optocouplers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3100 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL3100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1-342
Electrical Specifications
Over recommended temperature (T
A = -25°C to +80°C) unless otherwise specified.
Parameter
Sym.
Device
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input Forward
V
F
HCPL-3100
-
1.2
1.4
V
I
F = 20 mA
T
A = 25°C13
Voltage
0.6
0.9
-
V
I
F = 0.2 mA
HCPL-3101
-
1.6
1.75
V
IF = 10 mA
14
1.2
1.5
-
V
I
F = 0.2 mA
Input Reverse
I
R
HCPL-3100
-
-
10
µAV
R = 4 V
T
A = 25°C
Current
HCPL-3101
VF = 5 V
Input Capacitance
C
IN
-
30
250
pF
V
F = 0 V, f = 1 kHz,
TA = 25°C
Output 1 Low
V
O1L
HCPL-3100
-
0.2
0.4
V
I
F = 10 mA
V
CC1 = 12 V,
2, 17,
2
Level
IO1 = 0.1 A,
18
Voltage
HCPL-3101
I
F = 5 mA
V
CC2 = -12 V
Leakage
IO1L
-
-
500
µAV
CC = VO1 = 35 V, VO2 = 0 V
5
Current
I
F = 0 mA, TA = 25°C
Output 2 High
VO2H
HCPL-3100
18
21
-
V
IF = 10 mA VCC = 24 V,
3, 19,
2
Level
V
O1 = 24 V,
20
Voltage
HCPL-3101
I
F = 5 mA
I
O2 = -0.1 A
Low
V
O2L
-
1.2
2.0
V
V
CC = VO1 = 24 V, IO2 = 0.1 A,
4, 21,
Level
I
F = 0 mA
22
Voltage
Leakage
I
O2L
HCPL-3100
-
-
500
µAI
F = 10 mA
V
CC = 35 V,
6
Current
VO2 = 35 V,
HCPL-3101
I
F = 5 mA
T
A = 25°C
Supply
High
ICCH
HCPL-3100
-
6
10
mA
TA = 25°CVO1 = 24 V
7, 23
2
Current
Level
--
14
mA
V
CC = 24 V, IF = 10 mA
HCPL-3101
-
6
10
mA
T
A = 25°CVO1 = 24 V
--
14
mA
VCC = 24 V, IF = 5 mA
Low
I
CCL
-8
13
mA
T
A = 25°CVO1 = 24 V
7, 24
Level
--
17
mA
V
CC = 24 V, IF = 0 mA
Low to High
IFLH
HCPL-3100
1.0
4.0
7.0
mA
TA = 25°C
8, 15,
2, 3
Threshold Input
16
0.6
-
10.0
mA
V
CC = VO1 = 24 V
HCPL-3101
0.3
1.5
3.0
mA
T
A = 25°C
0.2
-
5.0
mA
VCC = VO1 = 24 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com