Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3100 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL3100
Description  Power MOSFET/IGBT Gate Drive Optocouplers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3100 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL3100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1-340
Absolute Maximum Ratings
Parameter
Symbol
Device
Min.
Max.
Unit
Conditions
Fig.
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
T
A
-25
80
°C
Input
Continuous
I
F
HCPL-3100
25
mA
11
1
HCPL-3101
20
mA
11
1
Reverse
V
R
6V
T
A = 25°C
Voltage
Supply Voltage
V
CC
35
V
Output 1
Continuous
I
O1
0.1
A
1
Current
Peak Current
0.4
A
Pulse Width < 0.15
µs,
1
Duty cycle = 1%
Voltage
V
O1
35
V
Output 2
Continuous
I
O2
0.1
A
1
Current
Peak Current
0.4
A
Pulse Width < 0.15
µs,
1
Duty cycle = 1%
Output Power Dissipation
P
O
500
mW
12
1
Total Power Dissipation
P
T
550
mW
12
1
Lead Solder Temperature
260
°C for 10 s, 1.0 mm below seating plane
Current
Insulation and Safety Related Specifications
Parameter
Symbol Value Units
Conditions
Min. External Air Gap
L(IO1)
6.0
mm
Shortest distance measured through air, between two
(External Clearance)
conductive leads, input to output
Min. External Tracking
L(IO2)
6.0
mm
Shortest distance path measured along outside surface
Path (External
of optocoupler body between input and output leads
Creepage)
Min. Internal Plastic
0.15
mm
Through insulation distance conductor to conductor
Gap (Internal
inside the optocoupler cavity
Clearance)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com