Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3100 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL3100
Description  Power MOSFET/IGBT Gate Drive Optocouplers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3100 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL3100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3100 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
1-343
Switching Specifications (T
A = 25°C)
Parameter
Sym.
Device
Min.
Typ.
Max. Units
Test Conditions
Fig.
Note
Propagation
t
PLH
HCPL-3100
-
1
2
µsI
F = 10 mA
V
CC = 24 V,
9,
2, 6
Delay Time to
VO1 = 24 V,
25,
High Output
HCPL-3101
-
0.3
0.5
µsI
F = 5 mA
R
G = 47 Ω,
26,
Level
C
G = 3000 pF
27
Propagation
t
PHL
HCPL-3100
-
1
2
µsI
F = 10 mA
Delay Time to
Low Output
HCPL-3101
-
0.3
0.5
µsI
F = 5 mA
Level
Rise Time
tr
HCPL-3100
-
0.2
0.5
µsI
F = 10 mA
HCPL-3101
I
F = 5 mA
Fall Time
t
f
HCPL-3100
-
0.2
0.5
µsI
F = 10 mA
HCPL-3101
IF = 5 mA
Output High
|CM
H|
HCPL-3100
1500
5000
-
V/
µsI
F = 10 mA
V
CM = 600 V
10
2
Level Common
(peak),
Mode Transient
HCPL-3101
I
F = 5mA
V
CC = 24 V
Immunity
V
O1 = 24 V
∆V
02H = ∆V02L
Output Low
|CM
L|
1500
5000
-
V/
µsI
F = 0 mA
= 2.0 V
Level Common
Mode Transient
Immunity
Notes:
1. Derate absolute maximum ratings with ambient temperatures as shown in Figures 11 and 12.
2. A bypass capacitor of 0.01
µF or more is needed near the device between V
CC and GND when measuring output and transfer
characteristics.
3. IFLH represents the forward current when the output goes from low to high.
4. Device considered a two terminal device; pins 1-4 are shorted together and pins 5-8 are shorted together.
5. For devices with minimum VISO specified at 5000 V rms, in accordance with UL 1577, each optocoupler is proof-tested by applying an
insulation test voltage
≥ 6000 V rms for one second (leakage current detection limit, I
I-O ≤ 200 µA).
6. The tPLH and tPHL propagation delays are measured from the 50% level of the input pulse to the 50% level of the output pulse.
7. R2 limits the Q1 and Q2 peak currents. For more applications and circuit design information see Application Note “Power Transistor
Gate/Base Drive Optocouplers.”
Packaging Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
V
ISO
5000
V rms
RH = 40% to 60%
4, 5
Withstand Voltage*
t = 1 min, TA = 25°C
Resistance (Input-Output)
RI-O
5x1010
1011
–
Ω
VI-O = 500 V, TA = 25°C4
RH = 40% to 60%
Capacitance (Input-Output)
C
I-O
–
1.2
–
pF
f = 1 MHz
4
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable), your
equipment level safety specification, or HP Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com