Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1024 Datasheet(PDF) 39 Page - Agilent(Hewlett-Packard)

Part # HDMP-1024
Description  Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1024 Datasheet(HTML) 39 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1024 Datasheet HTML 32Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 33Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 34Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 35Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 36Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 37Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 38Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 39Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 40Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
654
Figure 22. I-H50 and O-BLL Simplified Circuit Schematic.
Mode Options
The GLlink has several option
pins which set the modes of
operation. Common to both the
Tx and the Rx are M20SEL, DIV0,
and DIV1, FLAGSEL, and
LOOPEN. Local to the Tx are
MDFSEL, EHCLKSEL, and
HCLKON. While local to the Rx
are EQEN and TCLKSEL. These
pins are all I-TTL, and can be set
as described below.
M20SEL = 0/1 sets the width of
the frame to 16/20 bits.
DIV1 / DIV0 = set the frequency
bands of operation. Refer to the
Setting the Operating Data Rate
Range
section for frequency band
selection. It is recommended that
applications near the ends of the
bands have jumpers for DIV0 and
DIV1 inputs, so that the board can
accommodate possible lot-to-lot
band variations over the life of the
board design.
FLAGSEL = 0/1 selects either the
flag bit is reserved for error
detection by the link, or as an
extra bit available for the user.
LOOPEN = 0/1 selects either the
normal data or the loop channels
the I/O.
MDFSEL = 0/1 selects the Tx
single or double frame modes.
ECHKSEL = 0/1 selects either to
lock onto a frame-rate clock at
STRBIN or to use this clock as the
high speed clock and bypass the
PLL in the Tx. This input is used
mainly for testing, and should be
normally set low.
HCLKON = 0/1 turns on the high
speed serial clock outputs of the
Tx. This option was added to
conserve power.
EQEN = 0/1 disables or enables
the data equalizer in the Rx for
cable applications.
TCLKSEL = 0/1 selects the clock
source from either be derived
from the serial data stream or
from the TCLK inputs for the Rx.
This input is for testing only, and
should normally be set low.
ZO = 50 Ω
VEE
28 mA
80
80
50
50
50
12
O-BLL
I-H50
0.1 µF
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com