Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1024 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HDMP-1024
Description  Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1024 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1024 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 16Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
627
Latency
Tc = 25
°C, V
CC = 4.5 V to 5.5 V
Latency
(Clock
Cycles)
Latency Definition
Tx
1
Delay measured from the rising edge of STRBIN to the first bit D0 in the serial
stream
Rx
2
Delay measured from the input of the data frame to the falling edge of STRBOUT
when the data frame is updated
Link
3
Delay measured from the rising edge of the Tx STRBIN when the data frame is read
to the falling edge of the Rx STRBOUT when the data frame is updated
HDMP-1022 (Tx), HDMP-1024 (Rx)
Absolute Maximum Ratings
TA = 25°C, except as specified. Operation in excess of any one of these conditions may result in permanent
damage to this device.
Symbol
Parameter
Units
Min.
Max.
VCC
Supply Voltage
V
-0.5
7.0
VIN,TTL
TTL Input Voltage
V
-0.7
VCC + 0.5
VIN,BLL
H50 Input Voltage
V
VCC - 2.0
VCC + 0.5
IO,TTL
TTL Output Source Current
mA
+13
Tstg
Storage Temperature
°C
-40
+130
TJ
Junction Temperature
°C
-40
+130
Tmax
Maximum Assembly Temperature (for 10 seconds maximum)
°C
+260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com