Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1024 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HDMP-1024
Description  Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1024 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1024 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
628
I/O Type Definitions
I/O Type
Definition
I-TTL
Input TTL. Floats high when left open.
O-TTL
Output TTL.
O-BLL
50
Ω matched output driver. Will drive AC coupled 50 Ω loads, with 150 Ω pull-up resistors
for broad band matching. All unused outputs should have 150
Ω pull-up resistors, and AC
coupled to a 50
Ω resistor to ground.
I-H50
Input with internal 50
Ω terminations. Input is diode level shifted so that it can swing around
power. Can be driven with single-end configuration. Commonly used with input single-end AC
coupling from an O-BLL driver or another 50
Ω source, or differential direct coupling from
an O-BLL driver.
C
Filter capacitor node.
S
Power supply or ground.
HDMP-1022 (Tx)
Thermal Characteristics, TA = 25°C, VCC = 5 V
Symbol
Parameter
Units
Typ.
Θ
ja
Thermal Resistance, Junction to Air. Measured in still air with the package
°C/Watt
24
mounted on a thermal test PCB per JEDEC standard JC -15.1
Θ
jc
Thermal Resistance, Junction to Case. Top center of the package is used as
°C/Watt
4
the reference point
PD
Power Dissipation, VCC = 5 Volts
Watt
1.9
HDMP-1024 (Rx)
Thermal Characteristics, TA = 25°C, VCC = 5 V
Symbol
Parameter
Units
Typ.
Θ
ja
Thermal Resistance, Junction to Air. Measured in still air with the package
°C/Watt
24
mounted on a thermal test PCB per JEDEC standard JC -15.1
Θ
jc
Thermal Resistance, Junction to Case. Top center of the package is used as
°C/Watt
4
the reference point
PD
Power Dissipation, VCC = 5 Volts
Watt
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com