Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-520K Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-520K
Description  Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-520K Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-520K Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Absolute Maximum Ratings
Storage Temperature Range, TS .................................. -65°C to +150°C
Operating Temperature, TA ......................................... -55°C to +125°C
Case Temperature, TC ................................................................ +170°C
Junction Temperature, TJ .......................................................... +175°C
Lead Solder Temperature .............................................. 260
°C for 10 s
Average Forward Curre, IF AVG (each channel) ............................. 8 mA
Peak Input Current, IF PK (each channel) ............................... 20 mA[1]
Reverse Input Voltage, VR (each channel) ....................................... 3 V
Supply Voltage ,VCC .............................................. 0.0 V min., 20 V max.
Average Output Current, IO (each channel) ................................. 15 mA
Output Voltage, VO (each channel) .................... –0.3 V min., 20 V max.
Package Power Dissipation, Pd (each channel) ......................... 200 mW
Single Channel Product Only
Tri-State Enable Voltage, VE ............................... –0.3 V min., 20 V max.
8 Pin Ceramic DIP Single Channel Schematic
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC
4.5
20
V
Input Current, High Level,
IFH
28
mA
Each Channel
Input Voltage, Low Level,
VFL
0
0.8
V
Each Channel
Fan Out (TTL Load)
N
4
Each Channel
Single Channel Product Only
High Level Enable Voltage
VEH
2.0
20
V
Low Level Enable Voltage
VEL
0
0.8
V
Note enable pin 6. An external 0.01
µF to 0.1 µF bypass capacitor is recommended
between VCC and ground for each package type.
ESD Classification
(MIL-STD-883, Method 3015)
HCPL-5200/01/0K, HCPL-6230/31/3K ................................ (
∆), Class 1
HCPL-5230/31/3K, HCPL-6250/51/5K ............................ (Dot), Class 3
ANODE
CATHODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com