Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-520K Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-520K
Description  Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-520K Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-520K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Figure 13. Recommended LSTTL to LSTTL Circuit.
Figure 14. Single Channel Operating Circuit for Burn-in and Steady State Life Tests.
GND
VCC
VE
D.U.T.*
*ALL CHANNELS TESTED SIMULTANEOUSLY.
CONDITIONS: IF = 8 mA
VCC + 20 V
VIN
+–
IF
IO = -14 mA
0.01 µF
TA = +125 °C
1.90 V
100
Ω
IO
1200
Ω
GND
VCC
D.U.T.
619
Ω
VCC1
(+5 V)
OPEN
COLLECTOR
GATE
TTL OR
LSTTL
DATA
INPUT
4.02 K
Ω
Figure 12. Series LED Drive with Open Collector Gate
(4.02 k
Ω Resistor Shunts I
OH from the LED).
GND
VCC
D.U.T.
665
Ω
VCC1
(+5 V)
TOTEM
POLE
OUTPUT
GATE
TTL OR
LSTTL
DATA
INPUT
TTL OR
LSTTL
DATA
INPUT
665
Ω
TOTEM
POLE
OUTPUT
GATE
1
1
2
0.1
µF
DATA
OUTPUT
VCC2
(+5 V)
DATA
OUTPUT
UP TO 16 LSTTL
LOADS
OR 4 TTL LOADS
UP TO 16 LSTTL
LOADS
OR 4 TTL LOADS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com