Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-520K Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-520K
Description  Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-520K Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-520K Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-520K Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Electrical Characteristics
TA = -55°C to +125°C, 4.5 V ≤ VCC ≤ 20 V, 2 mA ≤ IF(ON) ≤ 8 mA, 0 V ≤ VF(OFF) ≤ 0.8 V, unless otherwise
specified.
Group A[11]
Limit
Parameter
Sym.
Test Conditions
Subgroups
Min. Typ.* Max. Units Fig. Notes
Logic Low Output Voltage
VOL
IOL = 6.4 mA (4 TTL Loads)
1, 2, 3
0.5
V
1, 3
2
IOH = -2.6 mA
1, 2, 3
2.4
**
V
Logic High Output Voltage
VOH
(**VOH = VCC - 2.1 V)
2, 3
2
IOH = -0.32 mA
NA
3.1
Output Leakage Current
IOHH VO = 5.5 V
IF = 8 mA
1, 2, 3
100
µA2
(VOUT > VCC)VO = 20 V
VCC = 4.5 V
500
Single
VCC = 5.5 V VF = 0 V
4.5
6
Channel
VE = Don't Care
Logic Low
VCC = 20 V
1, 2, 3
5.3
7.5
Supply
ICCL
Current
Dual
VCC = 5.5 V
9.0
12
mA
Channel
VF1 = VF2 = 0 V
VCC = 20 V
10.6
15
Quad
VCC = 5.5 V VF1 = VF2 =14
24
Channel
VF3 = VF4 = 0 V
VCC = 20 V
17
30
Single
VCC = 5.5 V IF = 8 mA
2.9
4.5
Channel
VE = Don't Care
1, 2, 3
Logic High
VCC = 20 V
3.3
6
Supply
ICCH
Current
Dual
VCC = 5.5 V
5.8
9
mA
Channel
IF1 =
VCC = 20 V
IF2 = 8 mA
6.6
12
Quad
VCC = 5.5 V IF1 = IF2 =9
18
Channel
VF3 = VF4 = 8 mA
VCC = 20 V
VF3 =11
24
IF4 = 8 mA
Logic Low Short Circuit
VO = VCC = 5.5 V
20
mA
Output Current
IOSL
VF = 0 V
1, 2, 3
2, 3
VO = VCC = 20 V
35
Logic High Short Circuit
VCC = 5.5 V
IF = 8 mA
-10
mA
Output Current
IOSH
VO = GND
1, 2, 3
2, 3
VCC = 20 V
-25
Input Forward Voltage
VF
IF = 8 mA
1, 2, 3
1.0
1.3
1.8
V
4
2
Input Reverse
BVR
IR = 10 µA
1, 2, 3
3
V
2
Breakdown Voltage
Input-Output Insulation
II-O
VI-O = 1500 Vdc, t = 5s
1
1.0
µA
4, 5
Leakage Current
RH = 45%, TA = 25°C
Logic High Common Mode |CMH|IF = 2 mA, VCM = 50 VP-P
9, 10, 11
1000 10,000
V/
µs
9
2, 6,
Transient Immunity
12
Logic Low Common Mode |CML|IF = 0 mA, VCM = 50 VP-P
9, 10, 11
1000 10,000
V/
µs
9
2, 6,
Transient Immunity
12
Propagation Delay Time
tPHL
9, 10, 11
173
350
ns
5,
2, 7
to Logic Low
6
Propagation Delay Time
tPLH
9, 10, 11
118
350
ns
5,
2, 7
to Logic High
6
IF3 =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com