Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-643K Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-643K
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-643K Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-643K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1-530
Parameter
Symbol
Typ.
Units
Test Conditions
Fig.
Notes
Input Current Hysteresis
IHYS
0.25
mA
VCC = 5 V
3
Input Diode Temperature
∆V
F
-1.11
mV/
°CI
F = 10 mA
4
Coefficient
∆T
A
Resistance (Input-Output)
RI-O
1012
Ω
VI-O = 500 V
2
Capacitance (Input-Output)
CI-O
0.6
pF
f = 1 MHz, VI-O = 0 V
2
Logic Low Short Circuit
IOSL
65
mA
VO = VCC = 5.25 V,
6, 9
Output Current
IF = 10 mA
Logic High Short Circuit
IOSH
-50
mA
VCC = 5.25 V, IF = 0 mA,
6, 9
Output Current
VO = GND
Output Rise Time (10-90%)
tr
15
ns
5
Output Fall Time (90-10%)
tf
10
ns
5
Propagation Delay Skew
tPSK
30
ns
10
12
Power Supply Noise Immunity
PSNI
0.5
VP-P
48 Hz
≤ f
ac ≤ 50 MHz
7
Typical Characteristics
All typical values are at TA = 25°C, VCC = 5 V, IF = 8 mA, unless otherwise specified.
Single Channel Product Only
Parameter
Symbol
Typ. Units
Test Conditions
Fig.
Notes
Input Capacitance
CIN
15
pF
f = 1 MHz, VF = 0 V,
Pins 2 and 3
Output Enable Time to Logic High
tPZH
15
ns
8, 9
Output Enable Time to Logic Low
tPZL
30
ns
8, 9
Output Disable Time from Logic High
tPHZ
20
ns
8, 9
Output Disable Time from Logic Low
tPLZ
15
ns
8, 9
Dual and Quad Channel Product Only
Input Capacitance
CIN
15
pF
f = 1 MHz, VO = 0 V
Input-Input Leakage Current
II-I
0.5
nA
RH = 45%, VI-I = 500 Vdc
8
Input-Input Resistance
RI-I
1012
Ω
VI-I = 500 V
8
Input-Input Capacitance
CI-I
1.3
pF
f = 1 MHz, VF = 0 V
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com