Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-643K Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-643K
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-643K Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-643K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1-531
Notes:
1. Not to exceed 5% duty factor, not to exceed 50
µsec pulse width.
2. All devices are considered two-terminal devices: measured between all input leads or terminals shorted together and all output leads
or terminals shorted together.
3. This is a momentary withstand test, not an operating condition.
4. t
PHL propagation delay is measured from the 50% point on the rising edge of the input current pulse to the 1.5 V point on the falling
edge of the output pulse. The t
PLH propagation delay is measured from the 50% point on the falling edge of the input current pulse to
the 1.5 V point on the rising edge of the output pulse. Pulse Width Distortion, PWD = |t
PHL - tPLH|.
5. CM
L is the maximum slew rate of the common mode voltage that can be sustained with the output voltage in the logic low state
(V
O(MAX) < 0.8 V). CMH is the maximum slew rate of the common mode voltage that can be sustained with the output voltage in the
logic high state (V
O(MIN) > 2.0 V).
6. Duration of output short circuit time not to exceed 10 ms.
7. Power Supply Noise Immunity is the peak to peak amplitude of the ac ripple voltage on the V
CC line that the device will withstand and
still remain in the desired logic state. For desired logic high state, V
OH(MIN) > 2.0 V, and for desired logic low state, VOL(MAX) < 0.8 V.
8. Measured between adjacent input pairs shorted together for each multichannel device.
9. Each channel.
10. Standard parts receive 100% testing at 25
°C (Subgroups 1 and 9). SMD and hi-rel parts receive 100% testing at 25, 125, and –55°C
(Subgroups 1 and 9, 2 and 10, 3 and 11, respectively).
11. Parameters are tested as part of device initial characterization and after design and process changes. Parameters are guaranteed to
limits specified for all lots not specifically tested.
12. Propagation delay skew is defined as the difference between the minimum and maximum propagation delays for any given group of
optocouplers with the same part number that are all switching at the same time under the same operating conditions.
13. The HCPL-6430 and HCPL-6431 dual channel parts function as two independent single channel units. Use the single channel
parameter limits.
Figure 1. Typical Logic Low Output
Voltage vs. Logic Low Output Current.
Figure 2. Typical Logic High Output
Voltage vs. Logic High Output Current.
Figure 3. Typical Output Voltage vs.
Input Forward Current.
Figure 4. Typical Diode Input Forward
Current Characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com