Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-643K Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-643K
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-643K Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-643K Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-643K Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1-524
VCC
VO
VE
GND
H
Hermetically Sealed,
Very High Speed,
Logic Gate Optocouplers
Technical Data
Features
• Dual Marked with Device
Part Number and DESC
Drawing Number
• Manufactured and Tested on
a MIL-PRF-38534 Certified
Line
• QML-38534, Class H and K
• Three Hermetically Sealed
Package Configurations
• Performance Guaranteed
over -55
°C to +125°C
• High Speed: 40 M bit/s
• High Common Mode
Rejection 500 V/
µs
Guaranteed
• 1500 Vdc Withstand Test
Voltage
• Active (Totem Pole) Outputs
• Three Stage Output Available
• High Radiation Immunity
• HCPL-2400/30 Function
Compatibility
• Reliability Data
• Compatible with TTL, STTL,
LSTTL, and HCMOS Logic
Families
Applications
• Military and Space
• High Reliability Systems
• Transportation, Medical, and
Life Critical Systems
• Isolation of High Speed
Logic Systems
Each channel contains an AlGaAs
light emitting diode which is
optically coupled to an integrated
high gain photon detector. This
combination results in very high
HCPL-540X*
5962-89570
HCPL-543X
Functional Diagram
Multiple Channel Devices
Available
Single Channel DIP
Input
Enable
Output
On (H)
L
L
Off (L)
L
H
On (H)
H
Z
Off (L)
H
Z
Truth Tables
(Positive Logic)
Multichannel Devices
Input
Output
On (H)
H
Off (L)
L
HCPL-643X
5962-89571
*See matrix for available extensions.
• Computer-Peripheral
Interfaces
• Switching Power Supplies
• Isolated Bus Driver
(Networking Applications)-
(5400/1 Only)
• Pulse Transformer
Replacement
• Ground Loop Elimination
• Harsh Industrial
Environments
• High Speed Disk Drive I/O
• Digital Isolation for A/D,
D/A Conversion
Description
These units are single and dual
channel, hermetically sealed
optocouplers. The products are
capable of operation and storage
over the full military temperature
range and can be purchased as
either standard product or with
full MIL-PRF-38534 Class Level
H or K testing or from the
appropriate DESC Drawing. All
devices are manufactured and
tested on a MIL-PRF-38534
certified line and are included in
the DESC Qualified Manufac-
turers List QML-38534 for Hybrid
Microcircuits.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
5965-3004E


Similar Part No. - HCPL-643K

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-643K AVAGO-HCPL-643K Datasheet
353Kb / 12P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
More results

Similar Description - HCPL-643K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-643X AVAGO-HCPL-643X Datasheet
353Kb / 12P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com