Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-R100 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-R100
Description  2.5 mm x 7.6 mm Rectangular LED Lamps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-R100 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-R100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1-152
Figure 3. Relative Luminous Intensity
vs. Forward Current.
Figure 4. Relative Efficiency
(Luminous Intensity per Unit Current)
vs. Peak Current.
η
v (300 mA) for
AlGaAs Red = 0.7.
Figure 2. Forward Current vs.
Forward Voltage. V
F (300 mA) for
AlGaAs Red = 2.6 Volts Typical.
Figure 6. Relative Luminous Intensity vs. Angular Displacement.
Figure 5. Maximum Tolerable Peak Current vs. Peak Duration (I
PEAK MAX
Determined from Temperature Derated I
DC MAX).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com