Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-R100 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-R100
Description  2.5 mm x 7.6 mm Rectangular LED Lamps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-R100 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-R100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1-150
I (mcd) @
20 mA DC
Part
Color
Number
Min.
Typ.
DH AlGaAs Red
HLMP-R100
3.4
11.0
High
HLMP-0300
1.3
2.5
Efficiency
Red
HLMP-0301
2.1
5.3
HLMP-0400
1.4
2.5
Yellow
HLMP-0401
3.6
5.0
High
HLMP-0503
1.6
2.5
Performance
Green
HLMP-0504
2.6
8.0
Absolute Maximum Ratings at T
A
= 25
°C
HLMP-
HLMP-
HLMP-
HLMP-
Parameter
R100
0300/-0301
0400/0401
0503/-0504
Units
Peak Forward Current
300
90
60
90
mA
Average Forward Current[1]
20
25
20
25
mA
DC Current[2]
30
30
20
30
mA
Power Dissipation
87
135
85
135
mW
Reverse Voltage (I
R = 100 µA)
5
5
5
5
V
Transient Forward Current[3] (10
µs Pulse)
500
500
500
500
mA
Operating Temperature Range
-20 to
-20 to
+100
-55 to
-55 to
+100
°C
+100
+100
Storage Temperature Range
-55 to
-55 to
+100
+100
Lead Soldering Temperature
260
°C for 5 seconds
(1.6 mm [0.063 in.] from body)
Notes:
1. See Figure 5 to establish pulsed operating conditions.
2. For AlGaAs Red, Red, and Green Series derate linearly from 50
°C at 0.5 mA/°C. For Yellow Series derate linearly from 50°C at
0.2 mA/
°C.
3. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED
die and wirebond. It is not recommended that the device be operated at peak current beyond the peak forward current listed in the
Absolute Maximum Ratings.
Axial Luminous Intensity
v



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com