Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-R100 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HLMP-R100
Description  2.5 mm x 7.6 mm Rectangular LED Lamps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-R100 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-R100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1-151
Figure 1. Relative Intensity vs. Wavelength.
Electrical/Optical Characteristics at T
A
= 25
°C
HLMP
HLMP
HLMP
HLMP-R100
-0300/-0301
-0400/-0401
-0503/-0504
Test
Sym.
Description
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Units
Conditions
2
θ
1/2
Included Angle
Between Half
Luminous
100
100
100
100
Deg.
Note 1. Fig. 6
Intensity
Points
λ
P
Peak
645
635
583
565
nm
Measurement
Wavelength
at Peak
λ
d
Dominant
637
626
585
569
nm
Note 2
Wavelength
∆λ
1/2
Spectral Line
20
40
36
28
nm
Halfwidth
τ
s
Speed of
30
90
90
500
ns
Response
C
Capacitance
30
16
18
18
pF
V
F = 0;
f = 1 MHz
R
θ
J-PIN
Thermal
260
260
260
260
°C/W
Junction to
Resistance
Cathode Lead
V
F
Forward
1.8
2.2
1.9
2.6
2.1
2.6
2.2
3.0
V
I
F = 20 mA
Voltage
Figure 2.
V
R
Reverse
5.0
5.0
5.0
5.0
V
I
R = 100 µA
Breakdown
Voltage
η
v
Luminous
80
145
500
595
lm/W
Note 3
Efficacy
Notes:
1.
θ
1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
color of the device.
3. Radiant intensity, I
e, in watts/steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and ηv
is the luminous efficacy in lumens/watt.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com