Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPMX-3003 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HPMX-3003
Description  1.5 - 2.5 GHz LNA Switch PA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-3003 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HPMX-3003 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7-88
Antenna
C2
SW2
30 pF
18 nH
2.7 pF
10 pF
10
30 pF
1000 pF
PA out
VD2 = 3.6V
VG2 ~ – 0.75V
PA in
30 pF
30 pF
10
5 nH
5 nH
2.7 pF
500
VG1 ~ – 0.75V
VD1 = 3.6V
3.0V
100 pF
100 pF
100 pF
1000 pF
SW1
C1
LNA out
LNA in
Figure 17. HPMX-3003 Test Circuit (1900 MHz).
Antenna
C2
SW2
30 pF
18 nH
1.5 pF
10 pF
10
30 pF
1000 pF
PA out
VD2 = 3.6V
VG2 ~ – 0.75V
PA in
30 pF
30 pF
10
2.5 nH
2.5 nH
1.5 pF
500
VG1 ~ – 0.75V
VD1 = 3.6V
3.0V
100 pF
100 pF
100 pF
1000 pF
SW1
C1
LNA out
LNA in
Figure 18. HPMX-3003 Test Circuit (2400 MHz).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com