Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPMX-3003 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HPMX-3003
Description  1.5 - 2.5 GHz LNA Switch PA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-3003 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HPMX-3003 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7-84
HPMX-3003 Summary Characterization Information
Standard test conditions apply unless otherwise noted. All information tested in 1900 MHz
Test Circuit, and reflects performance of test circuit at 1900 MHz.
Symbol
Parameters and Test Conditions
Units
Typ
LNA
NF
Noise Figure
dB
2.2
|S21|
2
50
Ω Gain
dB
13
IRL
Input Return Loss
dB
15
ORL
Output Return Loss
12
IIP3
Input Third Order Intercept
dBm
-1
Switch
P1dB
Output Power
∆C1 to C2 = 3 V
dBm
+23
where insertion loss is increased by 1 dB
P1dB
Output Power
∆C1 to C2 = 5 V
dBm
+29
where insertion loss is increased by 1 dB[1]
IP3
Third Order Intercept
dBm
+55
S21 on
Insertion Loss, on channel
dB
0.8
S21 off
Isolation, off channel
dB
15
IRLon
Return Loss, on channel
dB
26
IRLoff
Return Loss, off channel
dB
0.5
Power amp (Vg = -.8 V required)
GP
Gain
VD1 = 3.6 V, Pin = +4 dBm
dB
23.5
η
PAadd
Power Added Efficiency
VD1 = 3.6 V
%
35
Pout
Output Power
VD1 = 3.6 V, Pin = +4 dBm
dBm
+27.5
Id PA
Transmit Current
VD1 = 3.6 V, Pin = +4 dBm
mA
450
Note:
1. The P1dB of the switch can be improved by increasing the difference between the values of C1 and
C2 from the normal 3 V (+23 dB P1dB) to 5 V (+29 dB P1dB).
HPMX-3003 Pin Description
28 Gn
27 VG2
26 Gnd
25 PA out
24 Gnd
23 Gnd
22 PA out
21 PA out
20 Gnd
19 Gnd
18 SW2
17 Gnd
16 C2
15 Antenna
Gnd 1
Gnd 2
Gnd 3
PA in 4
Gnd 5
Gnd 6
VD1 7
LNA out 8
Gnd 9
Gnd 10
LNA in 11
Gnd 12
SW1 13
C1 14
Figure 1. HPMX-3003 Pin Outs and Schematic.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com