Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPMX-3003 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HPMX-3003
Description  1.5 - 2.5 GHz LNA Switch PA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-3003 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HPMX-3003 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-3003 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7-83
HPMX-3003 Absolute Maximum Ratings[1]
Absolute
Absolute
Absolute
Symbol
Parameter
Units
Maximum[1]
Maximum[1]
Maximum[1]
LNA
Switch
Power Amp
Pdiss
Power Dissipation[2,3]
mW
250[2,3]
1500[2,3]
Pin
CW RF Input Power
dBm
+20
+33
+20
Vd
Device Voltage
V
8
—
8
Vcont
Control Voltage
V
—
-6
—
Tch
Channel Temperature
°C
175
175
175
TSTG
Storage Temperature
°C
-65 to 150
-65 to 150
-65 to 150
Notes:
1. Operation of this device above any of these limits may cause permanent
damage.
2. Tcase = 25°C
3. Derate at 18.2 mW/
°C for T
C > 78°C
Recommended operating range of Vcc = 2.7 to 5.5 V, Ta = -40 to + 85 °C
HPMX-3003 Standard Test Conditions
Unless otherwise stated, all test data was taken on packaged parts
under the following conditions:
Ta= 25 °C, Zo = 50 Ω
Vcc = +3.0 V DC, Vcontrol = -3.0 V DC, VD1 = +3.6 V DC
LNA Pin = -20 dBm, PA Pin = +4 dBm, frequency = 1.9 GHz
Perfomance cited is performance in test circuit shown in Figure 17.
Thermal Resistance[2]:
θ
jc = 55°C/W
HPMX-3003 Guaranteed Electrical Specifications
Standard test conditions apply unless otherwise noted.
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
Gtest
LNA gain through switch
dB
9.0
11
Pout
Output power through switch
dBm
24.0
25.5
Id LNA
LNA bias current
mA
6.5
9.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com