Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN430 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDN430
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN430 Datasheet(HTML) 3 Page - IXYS Corporation

  IXDN430 Datasheet HTML 1Page - IXYS Corporation IXDN430 Datasheet HTML 2Page - IXYS Corporation IXDN430 Datasheet HTML 3Page - IXYS Corporation IXDN430 Datasheet HTML 4Page - IXYS Corporation IXDN430 Datasheet HTML 5Page - IXYS Corporation IXDN430 Datasheet HTML 6Page - IXYS Corporation IXDN430 Datasheet HTML 7Page - IXYS Corporation IXDN430 Datasheet HTML 8Page - IXYS Corporation IXDN430 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
IXDN430 / IXDI430 / IXDD430 / IXDS430
Unless otherwise noted, T
A = 25
oC, 8.5V
≤ V
CC ≤
35V .
All voltage measurements with respect to GND. IXDD430 configured as described in Test Conditions.
Electrical Characteristics
S y m b ol
Pa r a m e te r
Te s t C o n d itions
M in
Ty p
M a x
U n its
V IH
H igh in pu t v olta ge
0V
≤ V
IN ≤ V CC, 8. 5 V ≤ V IN ≤ 18V
3.5
V
V IL
Low in p ut v oltag e
0V
≤ V
IN ≤ V CC, 8. 5 V ≤ V IN ≤ 18V
0.8
V
V IN
In put volta ge r ange
-5
V CC + 0.3
V
IIN
In put current
0V
≤ V
IN ≤ V CC
-1 0
1 0
µ A
V OH
H igh o utp ut v o lta g e
V CC - 0 .02 5
V
V OL
Low outp u t v o ltage
0.0 2 5
V
R OH
O u tp ut res is tan c e
@ O u tp ut h igh
V CC = 18V
0.3
0.4
Ω
R OL
O u tp ut res is tan c e
@ O u tp u t L o w
V CC = 18V
0 .2
0 .3
Ω
IPEAK
P e ak output c urre nt
V CC = 1 8 V
30
A
IDC
C o n tinu o us ou tp ut
c u rre n t
L im ited b y p a ck a ge p o w e r
dis s ipa tio n
8
A
V EN
E n a b le vo ltag e ra ng e
IX D D 430 O n ly
- 0 .3
V cc + 0.3
V
V EN H
H igh E n In p u t V o ltag e
IX D D 430 O n ly
2/3 V cc
V
V EN L
Low E n In put V oltage
IX D D 430 O nly
1/3 V c c
V
R EN
E N Input R e s ista n ce
IX D S 43 0 O n ly
4 00
K o h m
V IN V
IN V V o lta g e R a ng e
IX D S 43 0 O n ly
- 0 .3
V cc + 0.3
V
V IN V H
H igh IN V In p u t V o ltage
IX D S 43 0 O n ly
2/3 V cc
V
V IN V L
Low IN V Inpu t V o ltag e
IX D S 43 0 O n ly
1/3 V c c
V
R IN V
IN V In put R e s istance
IX D S 43 0 O n ly
4 00
K o h m
tR
R is e tim e
C L=5600pF V c c = 18V
1 8
2 0
ns
tF
F a ll tim e
C L=5600pF V c c = 18V
1 6
1 8
ns
tON D L Y
O n-tim e p rop agatio n
d e la y
C L=5600pF V c c = 18V
4 1
4 5
ns
tOFFD L Y
O ff-tim e p rop agatio n
d e la y
C L=5600pF V c c = 18V
3 5
3 9
ns
tEN O H
E n a ble to output hig h
de la y tim e
IX D D 430 O n ly , V cc= 18 V
4 7
ns
tDO LD
D isable to output lo w
de la y tim e
IX D D 430 O n ly , V cc= 18 V
12 0
ns
V CC
P ow e r supp ly v o lta ge
8.5
1 8
3 5
V
ICC
P o w e r supp ly curre n t
V IN = 3 .5V
V IN = 0 V
V IN = + V CC
1
0
3
10
10
mA
µ A
µ A
U V L O
IX D _ 4 3 0 M ; IX D S 4 3 0 :
IX D _ 4 3 0 ;
IX D S 4 3 0 :
UVS E L = V CC (M O S F E T )
UVS E L = O P EN (IG B T )
7.5
10 .5
8.5
11 .7 5
9.5
13 .0
V
V
Absolute Maximum Ratings (Note 1)
Parameter
Value
Supply Voltage
40 V
All Other Pins
-0.3 V to VCC + 0.3 V
Power Dissipation, TAMBIENT ≤25 oC
TO220 (CI), TO263 (YI)
2W
Derating Factors (to Ambient)
TO220 (CI), TO263 (YI)
0.016W/oC
Storage Temperature
-65 oC to 150 oC
Lead Temperature (10 sec)
300 oC
Operating Ratings
P a ra m e te r
V alu e
M a xim um Junc tion T em perature
150 o C
O pera ting T em perature R ange
-55 o C to 125 o C
T herm al Im pedance T O 220 (C I), TO 263 (Y I)
θ
JC (J u n ctio n T o C a se)
0.95 o C/W
θ
JA (J u nc tion T o A m bien t)
62.5 o C/W
T herm al Im pedance 28 pin S O IC w ith H eat S lug (S I)
θ
JC (J u n ctio n T o C a se)
3 o C/W
Specifications Subject To Change Without Notice
Note 1: Operating the device beyond parameters with listed “absolute maximum ratings” may cause permanent
damage to the device. Typical values indicate conditions for which the device is intended to be functional, but do not
guarantee specific performance limits. The guaranteed specifications apply only for the test conditions listed.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com