Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN430 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXDN430
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN430 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXDN430 Datasheet HTML 4Page - IXYS Corporation IXDN430 Datasheet HTML 5Page - IXYS Corporation IXDN430 Datasheet HTML 6Page - IXYS Corporation IXDN430 Datasheet HTML 7Page - IXYS Corporation IXDN430 Datasheet HTML 8Page - IXYS Corporation IXDN430 Datasheet HTML 9Page - IXYS Corporation IXDN430 Datasheet HTML 10Page - IXYS Corporation IXDN430 Datasheet HTML 11Page - IXYS Corporation IXDN430 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
IXDN430 / IXDI430 / IXDD430 / IXDS430
Supply Current vs. Load Capacitance
Vcc = 35V
0
50
100
150
200
250
300
350
400
1000
10000
100000
Load Capacitance (pF)
10 kHz
50 kHz
100 kHz
500 kHz
1 MHz
Supply Current vs. Frequency
Vcc = 35V
1
10
100
1000
1
10
100
1000
10000
Frequency (kHz)
1000 pF
5600 pF
10000 pF
15000 pF
Fig. 16
Fig. 17
Fig. 18
Fig. 19
Fig. 20
Fig. 15
Quiescent Supply Current vs. Temperature
Vcc = 18V, Vin = 15V@1kHz, CL = 5600pF
0
0.1
0.2
0.3
0.4
0.5
0.6
-60
-10
40
90
140
190
Temperature (C)
Propagation Delay Times vs. Temperature
CL = 5600pF, Vcc = 18V
0
10
20
30
40
50
60
70
-60
-10
40
90
140
190
Temperature (C)
tONDLY
tOFFDLY
Propagation Delay vs. Supply Voltage
CL = 5600 pF Vin = 15V@1kHz
0
5
10
15
20
25
30
35
40
45
50
10
15
20
25
30
35
Supply Voltage (V)
tONDLY
tOFFDLY
Propagation Delay vs. Input Voltage
CL = 5600 pF Vcc = 18V
0
5
10
15
20
25
30
35
40
45
50
5
10152025
Input Voltage (V)
tONDLY
tOFFDLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com