Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN430 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXDN430
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN430 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IXDN430 Datasheet HTML 2Page - IXYS Corporation IXDN430 Datasheet HTML 3Page - IXYS Corporation IXDN430 Datasheet HTML 4Page - IXYS Corporation IXDN430 Datasheet HTML 5Page - IXYS Corporation IXDN430 Datasheet HTML 6Page - IXYS Corporation IXDN430 Datasheet HTML 7Page - IXYS Corporation IXDN430 Datasheet HTML 8Page - IXYS Corporation IXDN430 Datasheet HTML 9Page - IXYS Corporation IXDN430 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
IXDN430 / IXDI430 / IXDD430 / IXDS430
Rise and Fall Times vs. Temperature
CL = 5600 pF, Vcc = 18V
0
5
10
15
20
25
-60
-10
40
90
140
190
Temperature (C)
tR
tF
Output Rise Times vs. Load Capacitance
5
10
15
20
25
30
1000
3000
5000
7000
9000
11000
13000
15000
Load Capacitance (pF)
13V
18V
35V
Output Fall Times vs. Load Capacitance
0
5
10
15
20
25
30
1000
3000
5000
7000
9000
11000
13000
15000
Load Capacitance (pF)
13V
18V
35V
R ise Tim es vs. Supply V oltage
0
5
10
15
20
25
30
35
10
15
20
25
30
35
Supply Voltage (V)
1000 pF
5600 pF
10000 pF
15000 pF
Fall Tim es vs. S upply V oltage
0
5
10
15
20
25
30
10
15
20
25
30
35
Supply Voltage (V )
1000 pF
5600 pF
10000 pF
15000 pF
Typical Performance Characteristics
Fig. 3
Fig. 4
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Max / Min Input vs. Temperature
CL = 5600pF, Vcc = 18V
0
0.5
1
1.5
2
2.5
3
3.5
4
-60
-10
40
90
140
190
Temperature (C)
Min Input High
Max Input Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com