Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC3300-SC Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # LSC3300-SC
Description  14 Pin DIL Uncooled Laser Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC3300-SC Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  LSC3300-SC Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
484
Absolute Maximum Ratings
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided
each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time.
Limits
Parameter
Symbol
Conditions
Min.
Max.
Units
Laser Forward Current
If
DC
-
150
mA
Laser Reverse Current
Ir
DC
-
100
µA
Laser Reverse Voltage
Vlr
DC
-
2
V
Photodiode Reverse Voltage
Vr
DC
-
10
V
Photodiode Forward Current
Ipf
DC
-
1
mA
Operating Temperature
Tc
Pf min.
-40
+85
°C
Storage Temperature
Ts
-40
+85
°C
Relative Humidity
RH
0.0
non-
%RH
condensing
Fiber Pull Strength
-
10
N
Mechanical Shock
Mil Std 883D, Method 2002,
Condition B
Vibration
Mil Std 883D, Method 2007,
Condition A
Performance Specifications
LSC3300
LSC3100
Parameter
Symbol
Conditions
Min.
Max.
Min.
Max.
Units
LASER
CW, Tc = 25
°C, Pf = Pf min.
unless otherwise stated
Threshold Current
Ith
5
35
5
35
mA
Peak Optical
Pf
100
-
1000
-
µW
Output Power
Optical Output
Pth
Pth = Pf @ Ith -2 mA
-
10
-
50
µW
Power
Slope Efficiency
η
4
16
40
100
µW/mA
Forward Voltage
Vf
-
1.8
-
1.8
V
Differential
Rd
dV/dI
-
10
-
10
Ω
Resistance
Centre Wavelength
λc
Note 1
1280
1330
1280
1330
nm
Ic Change with
∆λ/∆T
Tc = -40
°C to 85°C
-
0.5
-
0.5
nm/
°C
Temperature
Linewidth
∆λ
FWHM (2.35s)
-
5
-
5
nm
Rise Time
τr
10% to 90%: Ith to Pf = Pf min.
-
0.5
-
0.5
ns
Fall Time
τf
90% to 10%: Pf = Pf min. to Ith
-
0.5
-
0.5
ns
Small Signal
Bw
Pf = Pf min.,
± 3 dB
1.0
-
1.0
-
GHz
Freq. Response
Note:
1. Modulated measurement available.
If the specific performance you require is not met by the above parameters, please contact Hewlett-Packard as the submodule
designs allows customization of performance to meet your needs.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com