Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC3300-SC Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # LSC3300-SC
Description  14 Pin DIL Uncooled Laser Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC3300-SC Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  LSC3300-SC Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
486
Ordering Information
LSC3X00 - XX
Connectors:
FP = FC/PC Polish
ST = ST®
BI = Biconic
SA = SMA
SC = SC
DN = DIN
SF = Super Polish FC/PC
Power Range:
1 = 1 mW minimum
3 = 100
µW minimum
CDRH Certification
Hewlett-Packard Ltd
Whitehouse Road
Ipswich, Suffolk IP1 5PB
England
Manufactured: ____ Serial No. ____
Model No. ____________
This product conforms to the applicable
requirements of 21 CFR 1040 at the date of
manufacture.
Laser Warning
ST® is a Registered Trademark of AT&T.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com