Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC3300-SC Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # LSC3300-SC
Description  14 Pin DIL Uncooled Laser Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC3300-SC Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  LSC3300-SC Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC3300-SC Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
482
LSC3X00 Laser Diode Typical Operating Characteristics
0
FORWARD CURRENT (mA)
20
50
30
30
20
10
40
0
60
DIFFERENTIAL RESISTANCE
vs. FORWARD CURRENT
10
-30
TEMPERATURE (°C)
50
30
10
-10
10-1
70
THRESHOLD CURRENT
vs. TEMPERATURE
100
101
-20
TEMPERATURE (°C)
60
40
20
080
PEAK WAVELENGTH
vs. TEMPERATURE
1300
1320
1310
1290
1285
0
FORWARD CURRENT (mA)
80
1.0
50
1.2
30
20
10
40
70
0.5
60
LASER FORWARD VOLTAGE
vs. FORWARD CURRENT
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com