Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1560CT Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRF1560CT
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRF1560CT Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRF1560CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1560CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1560CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1560CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1560CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0826, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRF1560CT
Marking Diagram:
Where XXXXX is YYWWL
MBR
= Device Type
F
= Package type
15
= Forward Current (15A)
60
= Reverse Voltage (60V)
CT
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
MBRF1560CT
ITO-220AB
(Pb-Free)
50pcs / tube
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
60
V
7.5(Per leg)
Max. Average Forward
IF(AV)
50% duty cycle @TC =125°C,
rectangular wave form
15(Per device)
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
150
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com