Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1560CT Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRF1560CT
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRF1560CT Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRF1560CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1560CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1560CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1560CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1560CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0826, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRF1560CT
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 15A, Pulse, TJ = 25 °C
0.90
V
Max. Forward Voltage Drop*
VF2
@ 15A, Pulse, TJ = 125 °C
0.80
V
Max. Reverse Current at DC
condition (per leg)
IR1
@VR = rated VR
TJ = 25 °C
1.0
mA
Max. Reverse Current (per
leg)*
IR2
@VR = rated VR
TJ = 125 °C
50
mA
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
300
pF
Typical Series Inductance
(per leg)
LS
Measured lead to lead 5 mm from
package body
8.0
nH
Max. Voltage Rate of Change
dv/dt
-
10,000
V/
μs
Clip mounting, the epoxy body
away from the heatsink edge by
more than 0.110" along the lead
direction.
4500
Clip mounting, the epoxy body is
inside the heatsink.
3500
RSM Isolation Voltage
(t = 1.0 second, R. H. <
=30%,
TA = 25 °C)
VISO
Screw mounting, the epoxy body
is inside the heatsink.
1500
V
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +150
°C
Max. Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
3.5
°C/W
Approximate Weight
wt
-
2
g
Case Style
ITO-220AB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com