Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1560CT Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRF1560CT
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRF1560CT Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRF1560CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1560CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1560CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1560CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1560CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0826, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRF1560CT
MBRF1560CT SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
Features:
•
150
°C TJ operation
•
Center tap configuration
•
Low forward voltage drop
•
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
OUTLINE DRAWING
Mechanical Dimensions (In mm):
ITO-220AB
SYMBOL
MIN.
TYP.
MAX.
A
4.30
4.50
4.70
A1
1.10
1.30
1.50
A2
2.80
3.00
3.20
A3
2.50
2.70
2.90
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
b2
1.50
1.60
1.75
b3
1.20
1.30
1.45
b4
1.60
1.70
1.85
c
0.55
0.60
0.75
D
14.80
15.00
15.20
E
9.96
10.16
10.36
e2.55
e1
5.10
H1
6.50
6.70
6.90
L
12.70
13.20
13.70
L1
1.60
1.80
2.00
L2
0.80
1.00
1.20
L3
0.60
0.80
1.00
ΦP1(上口)
3.30
3.50
3.70
ΦP2(下口)
2.99
3.19
3.39
Q
2.50
2.70
2.90
Θ15°
Θ24°
Θ3
10°
Θ45°
Θ55°


Similar Part No. - MBRF1560CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1560CT GE-MBRF1560CT Datasheet
118Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Vishay Siliconix
MBRF1560CT VISHAY-MBRF1560CT Datasheet
55Kb / 3P
Dual Schottky Barrier Rectifier
01-Jul-02
logo
Taiwan Semiconductor Co...
MBRF1560CT TSC-MBRF1560CT Datasheet
117Kb / 2P
Isolation 15.0 AMPS. Schottky Barrier Rectifiers
MBRF1560CT TSC-MBRF1560CT Datasheet
333Kb / 2P
Isolated 15.0 AMPS. Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
MBRF1560CT BILIN-MBRF1560CT Datasheet
336Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRF1560CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com