Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7985A Datasheet(PDF) 13 Page - STMicroelectronics

Part # A7985A
Description  2 A step-down switching regulator for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button A7985A Datasheet HTML 9Page - STMicroelectronics A7985A Datasheet HTML 10Page - STMicroelectronics A7985A Datasheet HTML 11Page - STMicroelectronics A7985A Datasheet HTML 12Page - STMicroelectronics A7985A Datasheet HTML 13Page - STMicroelectronics A7985A Datasheet HTML 14Page - STMicroelectronics A7985A Datasheet HTML 15Page - STMicroelectronics A7985A Datasheet HTML 16Page - STMicroelectronics A7985A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
DocID023128 Rev 5
13/44
A7985A
Functional description
44
where:
Equation 1
FSW is desired switching frequency.
5.2
Soft-start
Soft-start is essential to assure the correct and safe startup of the step-down converter. It
avoids inrush current surge and makes the output voltage increase monothonically.
The soft-start is performed by a staircase ramp on the non inverting input (VREF) of the error
amplifier. So the output voltage slew rate is:
Equation 2
where SRVREF is the slew rate of the non inverting input, while R1and R2 is the resistor
divider to regulate the output voltage (see Figure 7). The soft-start staircase consists of 64
steps of 9.5 mV each, from 0 V to 0.6 V. The time base of one step is of 32 clock cycles. So
the soft-start time and then the output voltage slew rate depend on the switching frequency.
Figure 7. Soft-start scheme
Soft-start time results:
Equation 3
For example, with a switching frequency of 250 kHz, the SSTIME is 8 ms.
RFSW
28.5 10
9
FSW 250 10
3
–
----------------------------------------- 3.23 10
3
–
=
SROUT
SRVREF 1
R1
R2
--------
+


=
SSTIME
32 64
Fsw
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com