Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7985A Datasheet(PDF) 35 Page - STMicroelectronics

Part # A7985A
Description  2 A step-down switching regulator for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button A7985A Datasheet HTML 31Page - STMicroelectronics A7985A Datasheet HTML 32Page - STMicroelectronics A7985A Datasheet HTML 33Page - STMicroelectronics A7985A Datasheet HTML 34Page - STMicroelectronics A7985A Datasheet HTML 35Page - STMicroelectronics A7985A Datasheet HTML 36Page - STMicroelectronics A7985A Datasheet HTML 37Page - STMicroelectronics A7985A Datasheet HTML 38Page - STMicroelectronics A7985A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
DocID023128 Rev 5
35/44
A7985A
Application information
44
Figure 28. Load regulation
Figure 29. Line regulation
3.310
3.315
3.320
3.325
3.330
3.335
3.340
3.345
0.00
0.50
1.00
1.50
2.00
Io [A]
Vin=5V
Vin=12V
Vin=24V
3.3200
3.3250
3.3300
3.3350
3.3400
3.3450
3.3500
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
VIN [V]
Io=1A
Io=2A
Figure 30. Load transient: from 0.4 A to 2 A
Figure 31. Soft-start
VOUT
100mV/div
AC coupled
IL 500mA/div
Time base 100us/div
VIN=24V
VOUT=3.3V
COUT=47uF
L=10uH
FSW=520k
VOUT
100mV/div
AC coupled
IL 500mA/div
Time base 100us/div
VIN=24V
VOUT=3.3V
COUT=47uF
L=10uH
FSW=520k
VOUT
500mV/div
VFB
200mV/div
IL
500mA/div
Time base 1ms/div
Figure 32. Short-circuit behavior at VIN = 12 V
Figure 33. Short-circuit behavior at VIN = 24 V
OUT
5V/div
IL
1A/div
VOUT
1V/div
SYNCH
5V/div
Timebase 10us/div
OUT
5V/div
IL
0.5A/div
VOUT
1V/div
SYNCH
5V/div
Timebase 10us/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com