Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7985A Datasheet(PDF) 20 Page - STMicroelectronics

Part # A7985A
Description  2 A step-down switching regulator for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button A7985A Datasheet HTML 16Page - STMicroelectronics A7985A Datasheet HTML 17Page - STMicroelectronics A7985A Datasheet HTML 18Page - STMicroelectronics A7985A Datasheet HTML 19Page - STMicroelectronics A7985A Datasheet HTML 20Page - STMicroelectronics A7985A Datasheet HTML 21Page - STMicroelectronics A7985A Datasheet HTML 22Page - STMicroelectronics A7985A Datasheet HTML 23Page - STMicroelectronics A7985A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Application information
A7985A
20/44
DocID023128 Rev 5
The output capacitor is important also for loop stability: it fixes the double LC filter pole and
the zero due to its ESR. In Section 6.4, how to consider its effect in the system stability is
illustrated.
For example, with VOUT = 5 V, VIN = 24 V, IL = 0.9 A (resulting by the inductor value), in
order to have a
VOUT = 0.01 · VOUT, if the multi-layer ceramic capacitors are adopted,
10 µF are needed and the ESR effect on the output voltage ripple can be neglected. In case
of not-negligible ESR (electrolytic or tantalum capacitors), the capacitor is chosen taking into
account its ESR value. So, in the case of 330 µF with ESR = 70 m
the resistive
component of the drop dominates and the voltage ripple is 43 mV
The output capacitor is also important to sustain the output voltage when a load transient
with high slew rate is required by the load. When the load transient slew rate exceeds the
system bandwidth the output capacitor provides the current to the load. So if the high slew
rate load transient is required by the application, the output capacitor and system bandwidth
must be chosen in order to sustain the load transient.
In Table 8 below some capacitor series are listed.
6.4
Compensation network
The compensation network must assure stability and good dynamic performance. The loop
of the A7985A is based on the voltage mode control. The error amplifier is
a voltage operational amplifier with high bandwidth. So by selecting the compensation
network the E/A is considered as ideal, that is, its bandwidth is much larger than the system
one.
The transfer functions of the PWM modulator and the output LC filter are studied (see
Figure 10). The transfer function of the PWM modulator, from the error amplifier output
(COMP pin) to the OUT pin, results:
Equation 17
where VS is the sawtooth amplitude. As seen in Section 5.1 on page 11, the voltage feed-
forward generates a sawtooth amplitude directly proportional to the input voltage, that is:
Equation 18
Table 8. Output capacitors
Manufacturer
Series
Cap value (
F)
Rated voltage (V)
ESR (m
)
muRata
GRM32
22 to 100
6.3 to 25
< 5
GRM31
10 to 47
6.3 to 25
< 5
PANASONIC
ECJ
10 to 22
6.3
< 5
EEFCD
10 to 68
6.3
15 to 55
SANYO
TPA/B/C
100 to 470
4 to 16
40 to 80
TDK
C3225
22 to 100
6.3
< 5
GPW0
VIN
Vs
---------
=
VS
KVIN
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com