Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOC111STR Datasheet(PDF) 1 Page - IXYS Corporation

Part # LOC111STR
Description  Linear Optocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LOC111STR Datasheet(HTML) 1 Page - IXYS Corporation

  LOC111STR Datasheet HTML 1Page - IXYS Corporation LOC111STR Datasheet HTML 2Page - IXYS Corporation LOC111STR Datasheet HTML 3Page - IXYS Corporation LOC111STR Datasheet HTML 4Page - IXYS Corporation LOC111STR Datasheet HTML 5Page - IXYS Corporation LOC111STR Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
Linear Optocoupler
www.ixysic.com
DS-LOC111-R07
1
LOC111
e3
Pb
Part Number
Description
LOC111
8-Pin DIP (50/Tube)
LOC111P
8-Pin Flatpack (50/Tube)
LOC111PTR
8-Pin Flatpack (1000/Reel)
LOC111S
8-Pin Surface Mount (50/tube)
LOC111STR
8-Pin Surface Mount (1000/Reel)
Applications
Features
Description
Ordering Information
Pin Configuration
• Modem Transformer Replacement With No
Insertion Loss
• Digital Telephone Isolation
• Power Supply Feedback Voltage/Current
• Medical Sensor Isolation
• Audio Signal Interfacing
• Isolation of Process Control Transducers
• 0.01% Servo Linearity
• THD -87dB Typical
• Wide Bandwidth (>200kHz)
• Couples Analog and Digital Signals
• High Gain Stability
• Low Input/Output Capacitance
• Low Power Consumption
• 8-Pin Flatpack or DIP Package (PCMCIA
Compatible)
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
• VDE Compatible
The LOC111 Single Linear Optocoupler features an
infrared LED optically coupled with two photodiodes.
One feedback (input) photodiode is used to generate
a control signal that provides a servomechanism
to the LED drive current, thus compensating
for the LED's nonlinear time and temperature
characteristics. The other (output) photodiode
provides an output signal that is linear with respect
to the servo LED current. The product features
wide bandwidth, high input to output isolation, and
excellent servo linearity.
Approvals
K3 Sorted Bins
Bin D = 0.733 - 0.805
Bin E = 0.806 - 0.886
Bin F = 0.887 - 0.974
Bin G = 0.975 - 1.072
- LED
+ LED
C1
A1
N/C
N/C
C2
A2
1
2
3
4
8
7
6
5
• The LOC111 will be shipped using bins available at date of
order. Any bin (D - G) can be shipped. Each tube or reel will
contain one K3-sorted bin. Each device will be marked with the
designated bin.
Parameter
Rating
Units
LED Operating Range
2-10
mA
K3, Transfer Gain
0.733-1.072
-
Isolation, Input to Output
3750
V
rms
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• Certified to:
IEC60950-1: 2005
EN60950-1: 2006
TUV Certificate B 09 07 49410 006


Similar Part No. - LOC111STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LOC111STR CLARE-LOC111STR Datasheet
139Kb / 6P
Linear Optocouplers
logo
IXYS Corporation
LOC111STR IXYS-LOC111STR Datasheet
123Kb / 6P
Linear Optocoupler
More results

Similar Description - LOC111STR

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL300 SIEMENS-IL300 Datasheet
134Kb / 8P
LINEAR OPTOCOUPLER
logo
Solid State Optronic
SLC800 SSOUSA-SLC800 Datasheet
185Kb / 4P
Linear Optocoupler
logo
Clare, Inc.
LOC117 CLARE-LOC117 Datasheet
296Kb / 5P
Linear Optocoupler
logo
IXYS Corporation
LOC110 IXYS-LOC110 Datasheet
123Kb / 6P
Single Linear Optocoupler
LOC111 IXYS-LOC111 Datasheet
123Kb / 6P
Linear Optocoupler
LOC112 IXYS-LOC112 Datasheet
123Kb / 6P
Linear Optocoupler
LOC117 IXYS-LOC117 Datasheet
123Kb / 6P
Linear Optocoupler
logo
Solid State Optronic
SLC810 SSOUSA-SLC810 Datasheet
219Kb / 7P
Linear Optocoupler
SLC1610 SSOUSA-SLC1610 Datasheet
194Kb / 7P
Linear Optocoupler
logo
Skyworks Solutions Inc.
OLH7000 SKYWORKS-OLH7000 Datasheet
229Kb / 5P
Hermetic Linear Optocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com