Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPMS1
Description  Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPMS1 Datasheet HTML 4Page - STMicroelectronics STPMS1 Datasheet HTML 5Page - STMicroelectronics STPMS1 Datasheet HTML 6Page - STMicroelectronics STPMS1 Datasheet HTML 7Page - STMicroelectronics STPMS1 Datasheet HTML 8Page - STMicroelectronics STPMS1 Datasheet HTML 9Page - STMicroelectronics STPMS1 Datasheet HTML 10Page - STMicroelectronics STPMS1 Datasheet HTML 11Page - STMicroelectronics STPMS1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
General operating conditions
STPMS1
8/23
Doc ID 16524 Rev 2
CLK - clock signal on CLK pin
CLKsample - sigma-delta sample frequency
bsV - sigma-delta bitstream of voltage signal
bsC - sigma-delta bitstream of current signal
DATA - multiplexed data of voltage and current signal on DAT pin
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOH
Output high voltage
IO=-1 mA, CL=50 pF, VCC=3.2 V
VCC-
0.4
V
VOL
Output low voltage
IO=+1 mA, CL=50 pF, VCC=3.2 V
0.4
V
IUP
Pull up current
15
µA
tTR
Transition time
CLOAD=50 pF
10
ns
tL
Latency
From 50 % of CLK to 50 % to DAT
40
ns
Clock input
fCLK
Nominal frequencies
Low precision
1.0
1.228
MHz
High precision
2.0
2.458
MHz
On chip reference voltage
VREF
Reference voltage
1.21
1.23
1.25
V
TC
Temperature coefficient
After calibration
30
50
ppm/
°C
Table 5.
General operating conditions (continued)
Figure 3.
Timing diagram
AM07832v1
AM07832v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com