Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STPMS1
Description  Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STPMS1 Datasheet HTML 12Page - STMicroelectronics STPMS1 Datasheet HTML 13Page - STMicroelectronics STPMS1 Datasheet HTML 14Page - STMicroelectronics STPMS1 Datasheet HTML 15Page - STMicroelectronics STPMS1 Datasheet HTML 16Page - STMicroelectronics STPMS1 Datasheet HTML 17Page - STMicroelectronics STPMS1 Datasheet HTML 18Page - STMicroelectronics STPMS1 Datasheet HTML 19Page - STMicroelectronics STPMS1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Theory of operation
STPMS1
16/23
Doc ID 16524 Rev 2
The band-gap voltage reference is used as the reference level source for the low-drop
module and for the AD converters. This module produces several bias currents and voltages
for all other analog modules.
The low-drop regulator generates the +3.0 V power supply level. This level is used to power
the DC buffers, pre-amplifier, and AD converter pair in the analog part of the device and
whole digital part. It is brought out as VDD for external connections. As part of low-drop,
there is a power on reset (POR) detection circuit, which blocks all functions of the STPMS1
by asserting the reset condition whenever a VCC supply level is less than +2.5 V.
In order to enable proper operation of the switched capacitor (SC) section of AD converters,
two DC buffers are added to the device. One is buffering the voltage reference level and the
other is buffering the level of value equal to (VDD-VSS)/2.
The AD converter block is further split into a voltage and current channel. Each channel
consists of a differential pre-amplifier, SC integrator, comparator, amplifier bias block, and all
necessary switches. The voltage channel SC integrator has a gain of 2 and there is no pre-
amplifier block. The current channel SC integrator has a gain of 2 or 8, which can be
selected by MS0 input, and has a pre-amplifier with a gain of 4.
The amplitude of the input signal to the AD converter block must be kept less than 0.45 Vref.
The output of each channel is input to the digital module as
ΣΔ stream.
For the operation of the analog part, a set of five clock signals is provided from the digital
module. These signals derive from the CLK signal. Two of them are used to run the
conversion, the next one is used as the chopper signal for the voltage channel and the last
two are used as chopper signals for the current channel. All these signals are connected to
the control signal module, which consists of standard digital cells powered from an analog
supply. It produces all the necessary signals and switch controls of the AD converters.
Figure 17.
Power supply external connection scheme
AM07836v1
VDD
GND
VDD
GND
MS0
VDD
MS1
VDD
GND
Analog Supply
3.3 -5.0V
100uF
100nF
100nF
AM07836v1
VDD
GND
VDD
GND
MS0
VDD
MS1
VDD
GND
Analog Supply
3.3 -5.0V
100uF
100nF
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com