Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPMS1
Description  Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1 Datasheet(HTML) 1 Page - STMicroelectronics

  STPMS1 Datasheet HTML 1Page - STMicroelectronics STPMS1 Datasheet HTML 2Page - STMicroelectronics STPMS1 Datasheet HTML 3Page - STMicroelectronics STPMS1 Datasheet HTML 4Page - STMicroelectronics STPMS1 Datasheet HTML 5Page - STMicroelectronics STPMS1 Datasheet HTML 6Page - STMicroelectronics STPMS1 Datasheet HTML 7Page - STMicroelectronics STPMS1 Datasheet HTML 8Page - STMicroelectronics STPMS1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
October 2010
Doc ID 16524 Rev 2
1/23
23
STPMS1
Dual-channel 1-bit, 2 MHz, 1st order
sigma-delta modulator with embedded PGA
Features
VCC supply range: 3.2 V - 5.5 V
Two 1st order sigma-delta modulators
Programmable chopper-stabilized low noise
and low offset amplifier
Supports 50-60 Hz AC watt meters
Internal low-drop regulator at 3 V (typ.)
Precision voltage reference: 1.23 V and 30
ppm/°C (typ.)
Applications
Power metering
Motor control
Industrial process control
Weight scale
Pressure transducers
Description
The STPMS1, also called a smart-sensor device,
is an ASSP designed for effective measurement
in power line systems utilizing the Rogowski coil,
current transformer, or shunt principle. It is used
in combination with the STPMC1 programmable
poly-phase energy calculator IC, as a building
block for single-phase or poly-phase energy
meters. The STPMS1 is a mixed signal IC
consisting of an analog and a digital section. The
analog section consists of a pre-amplifier and two
1st order
ΣΔ modulator blocks, band-gap voltage
reference, a low-drop voltage regulator, and DC
buffers, while the digital section consists of a clock
generator and output multiplexer. This device is
designed for use in medium resolution
measurement applications when single or double
inputs must be monitored at the same time.
QFN16 (3 x 3 mm.)
Table 1.
Device summary
Order code
Package
Packaging
STPMS1BPQR
QFN16 (3 x 3 mm)
2500 parts per reel
www.st.com


Similar Part No. - STPMS1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPMS1 STMICROELECTRONICS-STPMS1 Datasheet
695Kb / 23P
Dual-channel 1-bit, 2 MHz, 1st order sigma-delta modulator with embedded PGA
07-Oct-2010
More results

Similar Description - STPMS1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5876AM NPC-SM5876AM Datasheet
154Kb / 17P
3rd-order, 2-channel D/A Converter
SM5877AM NPC-SM5877AM Datasheet
140Kb / 16P
3rd-order , 2-channel D/A Converter
SM5878AM NPC-SM5878AM Datasheet
143Kb / 16P
3rd-order , 2-channel D/A converter
SM5879AV NPC-SM5879AV Datasheet
137Kb / 20P
3rd-order , 2-channel D/A Converter
logo
STMicroelectronics
STPMS1 STMICROELECTRONICS-STPMS1 Datasheet
695Kb / 23P
Dual-channel 1-bit, 2 MHz, 1st order sigma-delta modulator with embedded PGA
07-Oct-2010
STPMS2H-PUR STMICROELECTRONICS-STPMS2H-PUR Datasheet
2Mb / 33P
Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
11-Oct-2011
STPMS2L-PUR STMICROELECTRONICS-STPMS2L-PUR Datasheet
2Mb / 33P
Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
11-Oct-2011
logo
Texas Instruments
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
Asahi Kasei Microsystem...
AK9223 AKM-AK9223 Datasheet
596Kb / 16P
Dual 1-Bit, 10MHz, 2nd-Order, Modulat
AK9223MK AKM-AK9223MK Datasheet
596Kb / 16P
Dual 1-Bit, 10MHz, 2nd-Order, ?誇 Modulat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com