Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2R02-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH2R02-Y
Description  Automotive ultrafast recovery diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2R02-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH2R02-Y Datasheet HTML 1Page - STMicroelectronics STTH2R02-Y Datasheet HTML 2Page - STMicroelectronics STTH2R02-Y Datasheet HTML 3Page - STMicroelectronics STTH2R02-Y Datasheet HTML 4Page - STMicroelectronics STTH2R02-Y Datasheet HTML 5Page - STMicroelectronics STTH2R02-Y Datasheet HTML 6Page - STMicroelectronics STTH2R02-Y Datasheet HTML 7Page - STMicroelectronics STTH2R02-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 2010
Doc ID 17934 Rev 1
1/8
8
STTH2R02-Y
Automotive ultrafast recovery diode
Features
■ very low conduction losses
■ negligible switching losses
■ low forward and reverse recovery times
■ high junction temperature
■ AEC-Q101 qualified
Description
The STTH2R02 uses ST's new 200 V planar Pt
doping technology, and it is specially suited for
switching mode base drive and transistor circuits.
Packaged in SMB, this device is intended for use
in low voltage, high frequency inverters, free
wheeling and polarity protection for automotive
applications.
Table 1.
Device summary
Symbol
Value
IF(AV)
2 A
VRRM
200 V
Tj (max)
175 °C
VF (typ)
0.7 V
trr (typ)
15 ns
K
A
SMB
STTH2R02UY
K
A
www.st.com


Similar Part No. - STTH2R02-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
96Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
193Kb / 10P
Automotive 200 V, 2 A ultrafast recovery diode
10-Jul-2020
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y_V01 Datasheet
193Kb / 10P
Automotive 200 V, 2 A ultrafast recovery diode
10-Jul-2020
More results

Similar Description - STTH2R02-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
96Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH4R02-Y STMICROELECTRONICS-STTH4R02-Y Datasheet
109Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH602C-Y STMICROELECTRONICS-STTH602C-Y Datasheet
99Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH802-Y STMICROELECTRONICS-STTH802-Y Datasheet
105Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH810-Y STMICROELECTRONICS-STTH810-Y Datasheet
111Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
STTH1210-Y STMICROELECTRONICS-STTH1210-Y Datasheet
106Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
STTH3010-Y STMICROELECTRONICS-STTH3010-Y Datasheet
196Kb / 9P
Automotive ultrafast recovery - high voltage diode
28-Jun-2012
STTH4R02UY STMICROELECTRONICS-STTH4R02UY Datasheet
114Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH1R04-Y STMICROELECTRONICS-STTH1R04-Y Datasheet
163Kb / 10P
Automotive ultrafast recovery diode
09-Jul-2013
STTH802SFY STMICROELECTRONICS-STTH802SFY Datasheet
497Kb / 13P
Automotive 200 V ultrafast recovery diode
July 2018 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com