Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6552 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GL6552
Description  Low Voltage Compander
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6552 Datasheet(HTML) 3 Page - Hynix Semiconductor

  GL6552 Datasheet HTML 1Page - Hynix Semiconductor GL6552 Datasheet HTML 2Page - Hynix Semiconductor GL6552 Datasheet HTML 3Page - Hynix Semiconductor GL6552 Datasheet HTML 4Page - Hynix Semiconductor GL6552 Datasheet HTML 5Page - Hynix Semiconductor GL6552 Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GL6552
3
Pin Description
No.
Symbol
Function
1
VREF
Output terminal of bias circuit (Band Gap of reference). It is an internal
reference voltage used for supplying a constant voltage to the compressor
and the expander.
2
EXP IN
Expander input terminal
3
EXP RECT
External rectifing capacitor is connected to this terminal. Attack and decay
time of expander is determined by capacitor.
4
EXP OUT
Expander output terminal
5
MUTE
EXP
It is an expander mute terminal of a compander.
“L” state – expander mute is executed.
“H” state – expander is executed.
6
MUTE
COMP
It is an compander mute terminal of a compander.
“L” state – compressor mute is executed.
“H” state – compressor is executed.
7
GND
Ground terminal
8
COMP IN
Compressor Mic Amp noninverting input terminal. It is used as input
terminal for voice signal.
9
COMP NF
Compressor Mic Amp inverting input terminal. It is used for determining
Mic Amp gain by resistor
10
COMP RECT
External rectifing capacitor is connected to this terminal. Attack and decay
time of expander is determined by capacitor.
11
C-ACF
Feedback coupling capacitor is connected to this terminal. Low cut-off
frequency of compressor is determined by this capacitor.
12
COMP OUT
Compressor output terminal.
13
ALC
It is a reference voltage input terminal of ALC. ALC circuit may be turned
off according to the ALC reference voltage.
14
VCC
Supply voltage terminal



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com