Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6552 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GL6552
Description  Low Voltage Compander
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6552 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GL6552 Datasheet HTML 1Page - Hynix Semiconductor GL6552 Datasheet HTML 2Page - Hynix Semiconductor GL6552 Datasheet HTML 3Page - Hynix Semiconductor GL6552 Datasheet HTML 4Page - Hynix Semiconductor GL6552 Datasheet HTML 5Page - Hynix Semiconductor GL6552 Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GL6552
4
Electrical Characteristics (VCC=3V, f=1KHz, Ta=25¡ Éunless otherwise specified)
SPEC.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITION
DC Electrical Characteristics
Power Supply Current
Icc
-
3.6
6
mA
No Signal
Reference voltage
VREF
0.9
1
1.1
V
No Signal
Compressor part
Standard Output Voltage
VOC
240
300
340
mVrms
VINC =13mVrms (=0dB)
Gain Difference
∆Gc1
-1.0
0
1.0
dB
VINC = -20dB
T.H.D
THDc
-
0.5
1
%
VINC =0dB, VCC =-3V
Mute Attenuation Ratio
ATTc
60
80
-
dB
VINC =0dB
Max. Output Voltage
VCMAX
1.15
1.35
1.5
Vp-p
VINC =Variable
ALC
VALCO
280
325
360
mVrms
VPIN13 =0.9V
Expander part
Standard Output Voltage
VOE
110
130
160
mVrms
VINE =180mVrms (=0dB)
∆G
E1
-0.5
0
0.5
dB
VINE =-10dB
Gain Difference
∆G
E1
-1.0
0
1.0
dB
VINE =-20dB
T.H.D
THDE
-
0.5
1.5
%
VINE =0dB
Mute Attenuation Ratio
ATTE
60
85
-
dB
VINE =0dB
Max. Output Voltage
VEMAX
500
600
-
mVrms
VINE =Variable



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com