Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6552 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GL6552
Description  Low Voltage Compander
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6552 Datasheet(HTML) 1 Page - Hynix Semiconductor

  GL6552 Datasheet HTML 1Page - Hynix Semiconductor GL6552 Datasheet HTML 2Page - Hynix Semiconductor GL6552 Datasheet HTML 3Page - Hynix Semiconductor GL6552 Datasheet HTML 4Page - Hynix Semiconductor GL6552 Datasheet HTML 5Page - Hynix Semiconductor GL6552 Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GL6552
1
VREF
EXP IN
VCC
EXP RECT
ALC
EXP OUT
IN
COMP OUT
C-ACF
COMP RECT
GND
COMP NF
GL6552
EXP MUTE
COMP MUTE
COMP IN
14 DIP, 14 SOP(150mil)
GL6552
Low Voltage Compander
General Descriptions
The GL6552 is a Compander IC, which
contains two variable gain circuits configured
for compressing and expanding the dynamic
range, and improving of S/N ratio of audio
signal. It consists of compressor, expander, Mic
Amp,
limiter,
ALC(Automatic
Level
Control)and mute logic. The compressor circuit
has the 2/1 ratio of input/output ratio by
logarithm,
and
the
expander
circuit
by
logarithm. An internal, temperature stable
bandgap reference provides the necessary
precision voltage and current. Applications
include cordless telephone and most voice RF
links.
Features
• Operating Supply Voltage: 2 ~ 6 V
• Built in ALC circuit
• Built in Mute logic circuit
• Easy gain control to use external component
Pin Configuration
Absolute Maximum Ratings(Ta = 25¡ É
.
)
Parameter
Symbol
Spec.
Unit
Remark
Max. Supply Voltage
VCC, MAX
7
V
Power Dissipation
PD.MAX
600
mW
Storage Temperature
TSTG
-55 ~+150
¡ É
Stress above those listed under “Absolute Maximum Rating” may cause permanent damage of device.
This is stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for longer periods may affect device reliability.
During overload conditions (VIN > VCC or VIN <GND), those voltage on VCC pins with respect to ground
must not exceed the values defined by the absolute maximum ratings.
Operating Conditions (Ta = 25¡ É
)
Parameter
symbol
Spec.
Unit
Remark
Operating Voltage
VOP
2 ~ 6
V
Operating Temperature
TOP
-20 ~ +70
¡ É


Similar Part No. - GL6552

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6551 HYNIX-GL6551 Datasheet
71Kb / 5P
COMPANDER
More results

Similar Description - GL6552

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8632 SANYO-LA8632 Datasheet
183Kb / 9P
Low-voltage, Low-current Compander
LA8633V SANYO-LA8633V Datasheet
160Kb / 8P
Low-voltage, Low-current Compander?
LA8637M SANYO-LA8637M Datasheet
222Kb / 10P
Low-Voltage/Low-Power Compander IC
logo
Daewoo Semiconductor
DBL5020 DAEWOO-DBL5020 Datasheet
342Kb / 8P
LOW VOLTAGE COMPANDER
logo
AUK corp
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
LOW VOLTAGE COMPANDER
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
Low Voltage Compander
logo
AUK corp
SL5020 AUK-SL5020_1 Datasheet
299Kb / 9P
LOW VOLTAGE COMPANDER
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
LOW VOLTAGE COMPANDER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com