Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL7101 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # GL7101
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL7101 Datasheet(HTML) 2 Page - Hynix Semiconductor

  GL7101 Datasheet HTML 1Page - Hynix Semiconductor GL7101 Datasheet HTML 2Page - Hynix Semiconductor GL7101 Datasheet HTML 3Page - Hynix Semiconductor GL7101 Datasheet HTML 4Page - Hynix Semiconductor GL7101 Datasheet HTML 5Page - Hynix Semiconductor GL7101 Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GL7101
2
Recommended Operating Condition : Ta = -30¡ Éto 80¡ É
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
V
+
12
V
VS-GND Capacitor
CVS
1
µF
OS-GND Capacitor
COS
1
µF
Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
TEMP
(¡ É
)
MIN.
TYP.
MAX
UNIT
TEST
CIRCUIT
-30
-
-
580
25
-
400
530
SupplyCurrent1
IS1
V
+=12V, V
R-VI=30mV
85
-
-
480
µA
1
* TripVoltage
VT
V
+=16V, V
R-VI=X
-30
85
9
13.5
18
mV(rms)
2
DifferentialAmplifier
OutputCurrent1
ITD1
V
+=16V, V
R-VI=30mV
VOD=1.2V
25
-12
-
-30
µA
3
DifferentialAmplifier
OutputCurrent2
ITD2
V
+=6V, V
R-VI=short
VOD=0.8V
25
17
-
37
µA
4
ISI=580
µA
-30
-200
-
ISI=530
µA
25
-100
-
OutputCurrent
IO
VSC=1.4V
VOS=0.8V
ISI=480
µA
85
-75
-
µA
5
SCOnVoltage
VSC ON
V
+=16V
25
0.7
-
1.4
V
6
SC InputCurrent
ISC ON
V
+=12V
25
-
-
5
µA
7
Output"L"Current
IOSL
V
+=12V, V
OSL0.2V
-30
85
200
-
-
µA
8
InputClampVoltage
VIC
V
+=12V, V
IC=20mA
-30
85
4.3
-
6.7
V
9
DifferentialInput
ClampVoltage
VIDC
IIDC=100mV
-30
85
0.4
-
2
V
10
Max.Currentvoltage
VSM
ISM=7mA
25
20
-
28
V
11
SupplyCurrent2
IS2
VOS=0.5V, VR-VI=X
-30
85
-
-
900
µA
12
LatchCircuitOff
SupplyVoltage
V+OFF
25
0.5
-
V
13
ResponseTime
TON
V
+=16V, V
R-VI=0.3V
25
1
-
4
ms
14
* A: 9 ~ 12.55 B: 11.5 ~ 15.5 C: 14.5 ~ 18



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com