Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL7101 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GL7101
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL7101 Datasheet(HTML) 1 Page - Hynix Semiconductor

  GL7101 Datasheet HTML 1Page - Hynix Semiconductor GL7101 Datasheet HTML 2Page - Hynix Semiconductor GL7101 Datasheet HTML 3Page - Hynix Semiconductor GL7101 Datasheet HTML 4Page - Hynix Semiconductor GL7101 Datasheet HTML 5Page - Hynix Semiconductor GL7101 Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GL7101
1
GL7101
EARTH LEAKAGE CURRENT DETECTOR
Description
The GL7101 is designed for use in earth leakage
circuit interrupters for operation directly off the AC
Line in breakers.
It contains pre regulator, main regulator, after
regulator, differential amplifier, level comparator,
latch circuit. The input in the differential amplifier is
connect to the secondary node of zero current
transformer.
The level comparator generates high level when
earth leakage current is greater than some level.
Feature
• Low Power consumption (PD = 5mW) 100V/ 200V
• 100V/200V Common Built-in Voltage Regulator
• High Gain Differential Amplifier
• High Input Sensitivity
• Minimum External Parts
• Large Surge Margin
• Wide Operating Temperature Range (T
A = -30 to 85¡ É
)
• High Noise Immunity
Pin Configuration
(Top view)
Absolute Maximum Rating (TA = 25¡ É)
Supply voltage
20
V
Supply Current
8
mA
Power Dissipation
200
mW
Operating Temperature
-30 to 85
¡ É
Storage Temperature
-55 to 125
¡ É
Block diagram
GL7101
1
2
3
4
8
7
6
5
VR
IN
GND
OD
V
+
OS
NR
SC
Voltage Regulator
IN
8
7
6
5
1
2
3
4
Bias
Latch
V
GND
O
V
+
OS
NR
SC
Amp


Similar Part No. - GL7101

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL710 SHARP-GL710 Datasheet
36Kb / 2P
Infrared Emitting Diode
More results

Similar Description - GL7101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54124L MITSUBISHI-M54124L Datasheet
162Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54133FP MITSUBISHI-M54133FP Datasheet
119Kb / 12P
EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
Earth Leakage Current Detector
logo
Unisonic Technologies
M54123L UTC-M54123L_09 Datasheet
211Kb / 9P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134 Datasheet
222Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54133 UTC-M54133_15 Datasheet
189Kb / 8P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com