Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL7101 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GL7101
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL7101 Datasheet(HTML) 3 Page - Hynix Semiconductor

  GL7101 Datasheet HTML 1Page - Hynix Semiconductor GL7101 Datasheet HTML 2Page - Hynix Semiconductor GL7101 Datasheet HTML 3Page - Hynix Semiconductor GL7101 Datasheet HTML 4Page - Hynix Semiconductor GL7101 Datasheet HTML 5Page - Hynix Semiconductor GL7101 Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GL7101
3
Typical Performance Curves
VOLTAE-SUPPLY VOLTAGE
SUPPLY VOLTAGE V
+ (V)
Frequency
8
10
12
14
16
18
20
12
10
8
6
4
2
0
25¡ É
75¡ É
TA=-25¡ É
SUPPLY CURRENT-SUPPLY
VOLTAGE
SUPPLY VOLTAGE V
+ (V)
Frequency
0
5
10
15
20
25
30
700
600
500
400
300
200
100
TA=-25¡ É
25¡ É
75¡ É
REFERENCE VOLTAGE-SUPPLY
VOLTAGE
SUPPLY VOLTAGE VS (V)
0
4
8
12
16
20
2.5
2
1.5
1
1.0
0.5
TA=-25¡ É
25¡ É
75¡ É
BIAS CURRENT-TEMPERATURE
TEMPERATURE TA (¡ É
)
-40 -20
0
20
40
60
80
100
1000
500
DIFFERENTIAL AMPLIFIER OUTPUT
CURRENT-TEMP
TEMPERATURE TA (¡ É
)
-40
-20
0
20
40
60
80
100
-50
-40
-30
-20
-10
0
DIFFERENTIAL AMPLIFIER OUTPUT
VOLTAGE - DIFFERENTIAL INPUT
VOLTAGE
DIFFERENTIAL INPUT VOLTAGE
¡ â
VI=VR-VIN (mV)
10
12
14
16
18
20
5
4
3
2
1
0
TA=75¡ É
25¡ É
-25¡ É



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com