Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9856 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9856
Description  High voltage high-side driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9856 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9856 Datasheet HTML 3Page - STMicroelectronics L9856 Datasheet HTML 4Page - STMicroelectronics L9856 Datasheet HTML 5Page - STMicroelectronics L9856 Datasheet HTML 6Page - STMicroelectronics L9856 Datasheet HTML 7Page - STMicroelectronics L9856 Datasheet HTML 8Page - STMicroelectronics L9856 Datasheet HTML 9Page - STMicroelectronics L9856 Datasheet HTML 10Page - STMicroelectronics L9856 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
L9856
Electrical specifications
7/14
2.3
Recommended operating conditions
For proper operations the device should be used within the recommended conditions.
2.4
Electrical characteristics
Table 5.
Recommended operating conditions
Symbol
Parameter
Value
Units
Min.
Max.
VB
(1)
High side driver output stage voltage
VS+4.4
VS+18
V
VS
High side floating supply offset voltage
(25°C)
(125°C)
-3.2
-2.9
150
150
V
VHO
Output voltage gate connection
VS
VB
V
VCC
Supply voltage
4.4
6.5
V
VIN
Input voltage
0
VCC
V
VRES
Reset input voltage
0
VCC
V
dV/dt(2)
Allowable offset voltage slew rate
-50
50
V/nsec
FS
Switching frequency
200
kHz
1.
Reset-Logic functional for VBS > 2V, independent from VCC-level.
2.
Guaranteed by design.
Table 6.
Electrical characteristics
Unless otherwise specified, VCC = 5 V, VBS = 7 V, VS = 0 V, IN = 0 V, RES = 5 V,
load R = 50
, C = 2.5 nF. Unless otherwise noted, these specifications apply for an
operating ambient temperature range of -40 °C <
T
amb < 125 °C.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC supply
VCCUV+
VCC supply undervoltage
positive going threshold
VCC rising from 0 V
4.3
V
VCCUV-
VCC supply undervoltage
negative going threshold
VCC dropping from 5 V
2.8
VCCUVHYS
VCC supply undervoltage lockout
hysteresis
0.02
0.3
0.6
tdUVCC
Undervoltage lockout response
time
VCC steps either from 6.5 V
to 2.7 V or from 2.7 V to
6.5 V
0.5
20
s
IQCC
VCC supply current
400
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com