Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9856 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9856
Description  High voltage high-side driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9856 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9856 Datasheet HTML 4Page - STMicroelectronics L9856 Datasheet HTML 5Page - STMicroelectronics L9856 Datasheet HTML 6Page - STMicroelectronics L9856 Datasheet HTML 7Page - STMicroelectronics L9856 Datasheet HTML 8Page - STMicroelectronics L9856 Datasheet HTML 9Page - STMicroelectronics L9856 Datasheet HTML 10Page - STMicroelectronics L9856 Datasheet HTML 11Page - STMicroelectronics L9856 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical specifications
L9856
8/14
VBS supply
VBSUV+
VBS supply undervoltage positive
going threshold
VCC rising from 0 V
4.3
V
VBSUV-
VBS supply undervoltage negative
going threshold
VCC dropping from 5 V
2.8
V
VBSUVHYS
VBS supply undervoltage lockout
hysteresis
0.02
0.3
0.4
tdUVBS
Undervoltage lockout response
time
VBS steps either from 6.5 V
to 2.7 V or from 2.7 V to 6.5V
0.5
20
µs
IQBS1
VBS supply current
static mode,
IN = 0 V or 5 V
100
µA
IQBS2
static mode, VBS = 16 V,
IN = 0 V or 5 V
200
µA
V
BS
VBS drop due to output turn-on
CBS = 1µF,
tdIG-IN = 3s, tTEST = 100s
210
mV
Gate driver characteristics
IPKSo1
Peak output source current
Tj = 25 °C
120
250
mA
IPKSo2
70
150
IPKSo3
VBS = 16V , Tj = 25 °C
250
500
IPKSo4
VBS = 16 V
150
300
IHO,off
HO off state leakage current
guaranteed by design
1
µA
tr1
Output rise time
Tj = 25 °C
0.2
0.4
s
tr2
0.3
0.5
tr3
VBS = 16 V, Tj = 25 °C
0.1
0.2
tr4
VBS = 16 V
0.15
0.3
IPKSi1
Peak output sink current
IN = 5 V, Tj = 25 °C
120
250
mA
IPKSi2
IN = 5 V
70
150
IPKSi3
IN = 5 V, Tj = 25 °C
VBS = 16 V
250
500
IPKSi4
IN = 5 V, VBS = 16 V
150
300
tf1
Output fall time
IN = 5 V, Tj = 25 °C
0.2
0.4
µs
tf2
IN = 5 V,
0.3
0.5
tf3
VBS = 16 V, IN = 5 V,
Tj = 25 °C
0.1
0.2
tf4
VBS = 16 V, IN = 5 V,
0.15
0.3
Table 6.
Electrical characteristics (continued)
Unless otherwise specified, VCC = 5 V, VBS = 7 V, VS = 0 V, IN = 0 V, RES = 5 V,
load R = 50
, C = 2.5 nF. Unless otherwise noted, these specifications apply for an
operating ambient temperature range of -40 °C <
T
amb < 125 °C.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com