Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9856 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9856
Description  High voltage high-side driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9856 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9856 Datasheet HTML 5Page - STMicroelectronics L9856 Datasheet HTML 6Page - STMicroelectronics L9856 Datasheet HTML 7Page - STMicroelectronics L9856 Datasheet HTML 8Page - STMicroelectronics L9856 Datasheet HTML 9Page - STMicroelectronics L9856 Datasheet HTML 10Page - STMicroelectronics L9856 Datasheet HTML 11Page - STMicroelectronics L9856 Datasheet HTML 12Page - STMicroelectronics L9856 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
L9856
Electrical specifications
9/14
tplhi
Input-to-output turn-on
propagation delay (50 % input
level to 10 % output level)
0.1
0.35
µs
tphli
Input-to-output turn-off
propagation delay (50 % input
level to 90 % output level)
0.1
0.4
tplhr
RES-to-output turn-on
propagation delay (50 % input
level to 10% output level)
0.1
0.4
tphlr
RES-to-output turn-off
propagation delay (50 % input
level to 90 % output level)
0.1
0.4
Input characteristics
VINH
High logic level input threshold
VCC = 5V
0.6 VCC
V
VINL
Low logic level input threshold
0.28
VCC
RIN
High logic level input resistance
60
100
250
k
IIN
High logic level input current
VIN = VCC
5µA
VRESH
High logic level RES input
threshold
VCC = 5V
0.6 VCC
VRESL
Low logic level RES input
threshold
0.28
VCC
RRES
High logic level RES Input
resistance
60
100
250
k
IRES
Low logic level input current
VRES = 0
5
µA
Recharge characteristics
ton_rech
Recharge transistor turn-on
propagation delay
VS = 5V
3
6
9
µs
toff_rech
Recharge transistor turn-off
propagation delay
0.1
0.5
µs
VRECH
Recharge output transistor on-
state voltage drop
1 mA forced on recharge
path on
0.5
1.2
V
Deadtime characteristics
DTHOFF
High side turn-off to recharge gate
turn-on
VCC = 5 V
369
µs
DTHON
Recharge gate turn-off to high
side turn-on
0.1
0.4
0.7
Table 6.
Electrical characteristics (continued)
Unless otherwise specified, VCC = 5 V, VBS = 7 V, VS = 0 V, IN = 0 V, RES = 5 V,
load R = 50
, C = 2.5 nF. Unless otherwise noted, these specifications apply for an
operating ambient temperature range of -40 °C <
T
amb < 125 °C.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com