Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS87C1102 Datasheet(PDF) 89 Page - Hynix Semiconductor

Part # GMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 89 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 81Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 82Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 83Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 84Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 85Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 86Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 87Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 88Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 89Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 89 / 89 page
background image
GMS81C1102/GMS81C1202
Jan. 2002 Ver 2.0
vii
6. CONTROL OPERATION & etc.
NO.
MNEMONIC
OP
CODE
BYTE
NO
CYCLE
NO
OPERATION
FLAG
NVGBHIZC
1
BRK
0F
1
8
Software interrupt : B
← ”1”, M(sp) ← (pcH), sp ←sp-1,
M(s)
← (pcL), sp ← sp - 1, M(sp) ← (PSW), sp ← sp -1,
pcL ← ( 0FFDEH ) , pcH ← ( 0FFDFH) .
---1-0--
2
DI
60
1
3
Disable interrupts : I
← “0”
-----0--
3
EI
E0
1
3
Enable interrupts : I
← “1”
-----1--
4
NOP
FF
1
2
No operation
--------
5
POP A
0D
1
4
sp
← sp + 1, A ← M( sp )
6
POP X
2D
1
4
sp
← sp + 1, X ← M( sp )
--------
7
POP Y
4D
1
4
sp
← sp + 1, Y ← M( sp )
8
POP PSW
6D
1
4
sp
← sp + 1, PSW ← M( sp )
restored
9
PUSH A
0E
1
4
M( sp )
← A , sp ← sp - 1
10
PUSH X
2E
1
4
M( sp )
← X , sp ← sp - 1
--------
11
PUSH Y
4E
1
4
M( sp )
← Y , sp ← sp - 1
12
PUSH PSW
6E
1
4
M( sp )
← PSW , sp ← sp - 1
13
RET
6F
1
5
Return from subroutine
sp
← sp +1, pcL ← M( sp ), sp ← sp +1, pcH ← M( sp )
--------
14
RETI
7F
1
6
Return from interrupt
sp
← sp +1, PSW ← M( sp ), sp ← sp + 1,
pcL ← M( sp ), sp ← sp + 1, pcH ← M( sp )
restored
15
STOP
EF
1
3
Stop mode ( halt CPU, stop oscillator )
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com