Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS87C1102 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # GMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 9Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 10Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 11Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 12Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 13Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 14Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 15Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 16Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
GMS81C1102 / GMS81C1202
10
Jan. 2002 ver 2.0
10. ELECTRICAL CHARACTERISTICS -GMS81C1102, GMS81C1202
10.1 Absolute Maximum Ratings - GMS81C1102, GMS81C1202
Supply voltage ........................................... -0.3 to +6.5 V
Storage Temperature ................................-40 to +125
°C
Voltage on any pin with respect to Ground (VSS)
............................................................... -0.3 to VDD+0.3
Maximum current out of VSS pin ........................200 mA
Maximum current into VDD pin ..........................150 mA
Maximum current sunk by (IOL per I/O Pin) ........25 mA
Maximum output current sourced by (IOH per I/O Pin)
...............................................................................15 mA
Maximum current (
ΣIOL) .................................... 150 mA
Maximum current (
ΣIOH).................................... 100 mA
Note: Stresses above those listed under "Absolute Maxi-
mum Ratings" may cause permanent damage to the
device. This is a stress rating only and functional op-
eration of the device at any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods
may affect device reliability.
10.2 Recommended Operating Conditions - GMS81C1102, GMS81C1202
Parameter
Symbol
Condition
Specifications
Unit
Min.
Max.
Supply Voltage
VDD
fXIN=8MHz
4.5
6.0
V
fXIN=4.2MHz
2.2
6.0
Operating Frequency
fXIN
VDD=4.5~6.0V
18
MHz
VDD=2.2~6.0V
14.2
Operating Temperature
TOPR
-20
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com